Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 381 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 381 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 377Page - Renesas Technology Corp SH7721 Datasheet HTML 378Page - Renesas Technology Corp SH7721 Datasheet HTML 379Page - Renesas Technology Corp SH7721 Datasheet HTML 380Page - Renesas Technology Corp SH7721 Datasheet HTML 381Page - Renesas Technology Corp SH7721 Datasheet HTML 382Page - Renesas Technology Corp SH7721 Datasheet HTML 383Page - Renesas Technology Corp SH7721 Datasheet HTML 384Page - Renesas Technology Corp SH7721 Datasheet HTML 385Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 381 / 1524 page
background image
Section 9
Bus State Controller (BSC)
Rev. 3.00 Jan. 18, 2008 Page 319 of 1458
REJ09B0033-0300
(4)
PCMCIA
• CS5BWCR, CS6BWCR
Bit
Bit Name
Initial
Value
R/W
Description
31 to 22
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
21
20
SA1
SA0
0
0
R/W
R/W
Space Attribute Specification
Specify memory card interface or I/O card interface when the
PCMCIA interface is selected.
SA1
0: Specifies memory card interface when A25 = 1
1: Specifies I/O card interface when A25 = 1
SA0
0: Specifies memory card interface when A25 = 0
1: Specifies I/O card interface when A25 = 0
Note:
When using the PC card controller, specifies the
following settings.
When the bit 4 (P0USE) in the PCC0GCR register of
PCC is 1 and the bit 5 (P0PCCT) of the PCC0GCR
register is 0, both SA1 and SA0 should be 0. When
the bit 4 (P0USE) and the bit 5 (P0PCCT) in the
PCC0GCR register of PCC are 1, both SA1 and SA0
should be 1.
19 to 15
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com