| Electronic Components Datasheet Search |
|
SH7721 Datasheet(PDF) 422 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 Datasheet(HTML) 422 Page - Renesas Technology Corp |
|
422 / 1524 page ![]() Section 9 Bus State Controller (BSC) Rev. 3.00 Jan. 18, 2008 Page 360 of 1458 REJ09B0033-0300 (3) Burst Read A burst read occurs in the following cases with this LSI. 1. Access size in reading is larger than data bus width. 2. 16-byte transfer in cache miss. 3. 16-byte transfer in DMAC or USDH(access to non-cacheable area) 4. 16- to 128-byte transfer by LCDC* This LSI always accesses the SDRAM with burst length 1. For example, read access of burst length 1 is performed consecutively four times to read 16-byte continuous data from the SDRAM that is connected to a 32-bit data bus. Table 9.18 shows the relationship between the access size and the number of bursts. Note: * For details, see section 26, LCD Controller (LCDC). Table 9.18 Relationship between Access Size and Number of Bursts Bus Width Access Size Number of Bursts 8 bits 1 16 bits 1 32 bits 2 16 bytes 8 16 bits 128 bytes 64 8 bits 1 16 bits 1 32 bits 1 16 bytes 4 32 bits 128 bytes 32 Figures 9.14 and 9.15 show a timing chart in burst read. In burst read, an ACTV command is output in the Tr cycle, the READ command is issued in the Tc1, Tc2, and Tc3 cycles, the READA command is issued in the Tc4 cycle, and the read data is received at the rising edge of the external clock (CKIO) in the Td1 to Td4 cycles. The Tap cycle is used to wait for the completion of an auto-precharge induced by the READ command in the SDRAM. In the Tap cycle, a new command will not be issued to the same bank. However, access to another CS space or another bank in the same SDRAM space is enabled. The number of Tap cycles is specified by the TRP1 and TRP0 bits in CS3WCR. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |