Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 426 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 426 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 422Page - Renesas Technology Corp SH7721 Datasheet HTML 423Page - Renesas Technology Corp SH7721 Datasheet HTML 424Page - Renesas Technology Corp SH7721 Datasheet HTML 425Page - Renesas Technology Corp SH7721 Datasheet HTML 426Page - Renesas Technology Corp SH7721 Datasheet HTML 427Page - Renesas Technology Corp SH7721 Datasheet HTML 428Page - Renesas Technology Corp SH7721 Datasheet HTML 429Page - Renesas Technology Corp SH7721 Datasheet HTML 430Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 426 / 1524 page
background image
Section 9
Bus State Controller (BSC)
Rev. 3.00 Jan. 18, 2008 Page 364 of 1458
REJ09B0033-0300
(5)
Burst Write
A burst write occurs in the following cases in this LSI.
1. Access size in writing is larger than data bus width.
2. Copyback of the cache
3. 16-byte transfer in DMAC (access to non-cacheable region)
This LSI always accesses SDRAM with burst length 1. For example, write access of burst length 1
is performed continuously 4 times to write 16-byte continuous data to the SDRAM that is
connected to a 32-bit data bus. The relationship between the access size and the number of bursts
is shown in table 9.18.
Figure 9.17 shows a timing chart for burst writes. In burst write, an ACTV command is output in
the Tr cycle, the WRIT command is issued in the Tc1, Tc2, and Tc3 cycles, and the WRITA
command is issued to execute an auto-precharge in the Tc4 cycle. In the write cycle, the write data
is output simultaneously with the write command. After the write command with the auto-
precharge is output, the Trw1 cycle that waits for the auto-precharge initiation is followed by the
Tap cycle that waits for completion of the auto-precharge induced by the WRITA command in the
SDRAM. In the Tap cycle, a new command will not be issued to the same bank. However, access
to another CS space or another bank in the same SDRAM space is enabled. The number of Trw1
cycles is specified by the TRWL1 and TRWL0 bits in CS3WCR. The number of Tap cycles is
specified by the TRP1 and TRP0 bits in CS3WCR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com