Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 481 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 481 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 477Page - Renesas Technology Corp SH7721 Datasheet HTML 478Page - Renesas Technology Corp SH7721 Datasheet HTML 479Page - Renesas Technology Corp SH7721 Datasheet HTML 480Page - Renesas Technology Corp SH7721 Datasheet HTML 481Page - Renesas Technology Corp SH7721 Datasheet HTML 482Page - Renesas Technology Corp SH7721 Datasheet HTML 483Page - Renesas Technology Corp SH7721 Datasheet HTML 484Page - Renesas Technology Corp SH7721 Datasheet HTML 485Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 481 / 1524 page
background image
Section 10
Direct Memory Access Controller (DMAC)
Rev. 3.00 Jan. 18, 2008 Page 419 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial
Value
R/W
Description
2
AE
0
R/(W)* Address Error Flag
Indicates that an address error occurred during DMA
transfer. If this bit is set, DMA transfer is disabled even if
the DE bit in CHCR and the DME bit in DMAOR are set to
1. This bit can only be cleared by writing 0 after reading
1.
0: No DMAC address error
[Clearing condition]
Writing AE = 0 after AE = 1 read
1: DMAC address error occurs
1
NMIF
0
R/(W)* NMI Flag
Indicates that an NMI interrupt occurred. If this bit is set,
DMA transfer is disabled even if the DE bit in CHCR and
the DME bit in DMAOR are set to 1. This bit can only be
cleared by writing 0 after reading 1.
When the NMI is input, the DMA transfer in progress can
be done in one transfer unit. When the DMAC is not in
operational, the NMIF bit is set to 1 even if the NMI
interrupt was input.
0: No NMI interrupt
[Clearing condition]
Writing NMIF = 0 after NMIF = 1 read
1: NMI interrupt occurs
0
DME
0
R/W
DMA Master Enable
Enables or disables DMA transfers on all channels. If the
DME bit and the DE bit in CHCR are set to 1, transfer is
enabled. In this time, all of the bits TE in CHCR, NMIF,
and AE in DMAOR must be 0. If this bit is cleared during
transfer, transfers in all channels are terminated.
0: Disables DMA transfers on all channels
1: Enables DMA transfers on all channels
Note:
*
Writing 0 is possible to clear the flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com