Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 480 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 480 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 476Page - Renesas Technology Corp SH7721 Datasheet HTML 477Page - Renesas Technology Corp SH7721 Datasheet HTML 478Page - Renesas Technology Corp SH7721 Datasheet HTML 479Page - Renesas Technology Corp SH7721 Datasheet HTML 480Page - Renesas Technology Corp SH7721 Datasheet HTML 481Page - Renesas Technology Corp SH7721 Datasheet HTML 482Page - Renesas Technology Corp SH7721 Datasheet HTML 483Page - Renesas Technology Corp SH7721 Datasheet HTML 484Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 480 / 1524 page
background image
Section 10
Direct Memory Access Controller (DMAC)
Rev. 3.00 Jan. 18, 2008 Page 418 of 1458
REJ09B0033-0300
10.3.5
DMA Operation Register (DMAOR)
DMAOR is a 16-bit readable/writable register that specifies the priority level of channels at the
DMA transfer. This register shows the DMA transfer status.
Bit
Bit Name
Initial
Value
R/W
Description
15, 14
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
13
12
CMS1
CMS0
0
0
R/W
R/W
Cycle Steal Mode Select 1, 0
Select either normal mode or intermittent mode in cycle
steal mode.
It is necessary that all channel's bus modes are set to
cycle steal mode to make valid intermittent mode.
00: Normal mode
01: Setting prohibited
10: Intermittent mode 16
Executes one DMA transfer in each of 16 clocks of an
external bus clock.
11: Intermittent mode 64
Executes one DMA transfer in each of 64 clocks of an
external bus clock.
11, 10
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
9
8
PR1
PR0
0
0
R/W
R/W
Priority Mode 1, 0
Select the priority level between channels when there are
transfer requests for multiple channels simultaneously.
00: CH0 > CH1 > CH2 > CH3 > CH4 > CH5
01: CH0 > CH2 > CH3 > CH1 > CH4 > CH5
10: Setting prohibited
11: Round-robin mode
7 to 3
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com