Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 476 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 476 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 472Page - Renesas Technology Corp SH7721 Datasheet HTML 473Page - Renesas Technology Corp SH7721 Datasheet HTML 474Page - Renesas Technology Corp SH7721 Datasheet HTML 475Page - Renesas Technology Corp SH7721 Datasheet HTML 476Page - Renesas Technology Corp SH7721 Datasheet HTML 477Page - Renesas Technology Corp SH7721 Datasheet HTML 478Page - Renesas Technology Corp SH7721 Datasheet HTML 479Page - Renesas Technology Corp SH7721 Datasheet HTML 480Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 476 / 1524 page
background image
Section 10
Direct Memory Access Controller (DMAC)
Rev. 3.00 Jan. 18, 2008 Page 414 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial
Value
R/W
Descriptions
16
AL
0
R/W
Acknowledge Level
Specifies whether the DACK signal output is high active
or low active.
This bit is valid only in CHCR_0 and CHCR_1. This bit
is always reserved and read as 0 in CHCR_2 to
CHCR_5. The write value should always be 0.
0: Low-active output of DACK
1: High-active output of DACK
15
14
DM1
DM0
0
0
R/W
R/W
Destination Address Mode 1, 0
Specify whether the DMA destination address is
incremented, decremented, or left fixed. (In single
address mode, the DM1 and DM0 bits are ignored
when data is transferred to an external device with
DACK.)
00: Fixed destination address (setting prohibited in 16-
byte transfer)
01: Destination address is incremented (+1 in byte-unit
transfer, +2 in word-unit transfer, +4 in longword-
unit transfer, +16 in 16-byte transfer)
10: Destination address is decremented (–1 in byte-unit
transfer, –2 in word-unit transfer, –4 in longword-
unit transfer; setting prohibited in 16-byte transfer)
11: Setting prohibited
13
12
SM1
SM0
0
0
R/W
R/W
Source Address Mode 1, 0
Specify whether the DMA source address is
incremented, decremented, or left fixed. (In single
address mode, SM1 and SM0 bits are ignored when
data is transferred from an external device with DACK.)
00: Fixed source address (setting prohibited in 16-byte
transfer)
01: Source address is incremented (+1 in byte-unit
transfer, +2 in word-unit transfer, +4 in longword-
unit transfer, +16 in 16-byte transfer)
10: Source address is decremented (–1 in byte-unit
transfer, –2 in word-unit transfer, –4 in longword-
unit transfer; setting prohibited in 16-byte transfer)
11: Setting prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com