Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 474 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 474 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 470Page - Renesas Technology Corp SH7721 Datasheet HTML 471Page - Renesas Technology Corp SH7721 Datasheet HTML 472Page - Renesas Technology Corp SH7721 Datasheet HTML 473Page - Renesas Technology Corp SH7721 Datasheet HTML 474Page - Renesas Technology Corp SH7721 Datasheet HTML 475Page - Renesas Technology Corp SH7721 Datasheet HTML 476Page - Renesas Technology Corp SH7721 Datasheet HTML 477Page - Renesas Technology Corp SH7721 Datasheet HTML 478Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 474 / 1524 page
background image
Section 10
Direct Memory Access Controller (DMAC)
Rev. 3.00 Jan. 18, 2008 Page 412 of 1458
REJ09B0033-0300
10.3.2
DMA Destination Address Registers (DAR_0 to DAR_5)
DAR are 32-bit readable/writable registers that specify the destination address of a DMA transfer.
During a DMA transfer, these registers indicate the next destination address. When the data is
transferred from an external device with the DACK in single address mode, the DAR is ignored.
To transfer data in 16 bits or in 32 bits, specify the address with 16-bit or 32-bit address boundary.
When transferring data in 16-byte units, a 16-byte boundary must be set for the destination address
value. The initial value is undefined.
10.3.3
DMA Transfer Count Registers (DMATCR_0 to DMATCR_5)
DMATCR are 32-bit readable/writable registers that specify the DMA transfer count. The number
of transfers is 1 when the setting is H'00000001, 16,777,215 when H'00FFFFFF is set, and
16,777,216 (the maximum) when H'00000000 is set. During a DMA transfer, these registers
indicate the remaining transfer count.
The upper eight bits of DMATCR are always read as 0, and the write value should always be 0. To
transfer data in 16 bytes, one 16-byte transfer (128 bits) counts one. The initial value is undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com