Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 471 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 471 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 467Page - Renesas Technology Corp SH7721 Datasheet HTML 468Page - Renesas Technology Corp SH7721 Datasheet HTML 469Page - Renesas Technology Corp SH7721 Datasheet HTML 470Page - Renesas Technology Corp SH7721 Datasheet HTML 471Page - Renesas Technology Corp SH7721 Datasheet HTML 472Page - Renesas Technology Corp SH7721 Datasheet HTML 473Page - Renesas Technology Corp SH7721 Datasheet HTML 474Page - Renesas Technology Corp SH7721 Datasheet HTML 475Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 471 / 1524 page
background image
Section 10
Direct Memory Access Controller (DMAC)
Rev. 3.00 Jan. 18, 2008 Page 409 of 1458
REJ09B0033-0300
10.2
Input/Output Pins
The external pins for the DMAC are described below. Table 10.1 lists the configuration of the pins
that are connected to external bus. The DMAC has pins for 2 channels (channels 0 and 1) for
external bus use.
Table 10.1
Pin Configuration
Channel Name
Pin Name
I/O
Function
DMA transfer request
DREQ0
Input
DMA transfer request input from
external device to channel 0
DMA transfer request
reception
DACK0
Output
DMA transfer request acknowledge
output from channel 0 to external
device
0
DMA transfer end
TEND0
Output
DMA transfer end of DMAC channel 0
output of
DMA transfer request
DREQ1
Input
DMA transfer request input from
external device to channel 1
DMA transfer request
reception
DACK1
Output
DMA transfer request acknowledge
output from channel 1 to external
device
1
DMA transfer end
TEND1
Output
DMA transfer end of DMAC channel 1
output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com