Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 475 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 475 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 471Page - Renesas Technology Corp SH7721 Datasheet HTML 472Page - Renesas Technology Corp SH7721 Datasheet HTML 473Page - Renesas Technology Corp SH7721 Datasheet HTML 474Page - Renesas Technology Corp SH7721 Datasheet HTML 475Page - Renesas Technology Corp SH7721 Datasheet HTML 476Page - Renesas Technology Corp SH7721 Datasheet HTML 477Page - Renesas Technology Corp SH7721 Datasheet HTML 478Page - Renesas Technology Corp SH7721 Datasheet HTML 479Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 475 / 1524 page
background image
Section 10
Direct Memory Access Controller (DMAC)
Rev. 3.00 Jan. 18, 2008 Page 413 of 1458
REJ09B0033-0300
10.3.4
DMA Channel Control Registers (CHCR_0 to CHCR_5)
CHCR are 32-bit readable/writable registers that control the DMA transfer mode.
Bit
Bit Name
Initial
Value
R/W
Descriptions
31 to 24
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
23
DO
0
R/W
DMA Overrun
Selects whether DREQ is detected by overrun 0 or by
overrun 1. This bit is valid only in CHCR_0 and
CHCR_1. This bit is always reserved and read as 0 in
CHCR_2 to CHCR_5. The write value should always be
0.
0: Detects DREQ by overrun 0
1: Detects DREQ by overrun 1
22
TL
0
R/W
Transfer End Level
Specifies whether the TEND signal output is high active
or low active.
This bit is valid only in CHCR_0 and CHCR_1. This bit
is always reserved and read as 0 in CHCR2 to
CHCR_5. The write value should always be 0.
0: Low-active output of TEND
1: High-active output of TEND
21 to 18
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
17
AM
0
R/W
Acknowledge Mode
Selects whether DACK is output in data read cycle or in
data write cycle in dual address mode.
In single address mode, DACK is always output
regardless of the specification by this bit.
This bit is valid only in CHCR_0 and CHCR_1. This bit
is always reserved and read as 0 in CHCR_2 to
CHCR_5. The write value should always be 0.
0: DACK output in read cycle (dual address mode)
1: DACK output in write cycle (dual address mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com