Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 473 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 473 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 469Page - Renesas Technology Corp SH7721 Datasheet HTML 470Page - Renesas Technology Corp SH7721 Datasheet HTML 471Page - Renesas Technology Corp SH7721 Datasheet HTML 472Page - Renesas Technology Corp SH7721 Datasheet HTML 473Page - Renesas Technology Corp SH7721 Datasheet HTML 474Page - Renesas Technology Corp SH7721 Datasheet HTML 475Page - Renesas Technology Corp SH7721 Datasheet HTML 476Page - Renesas Technology Corp SH7721 Datasheet HTML 477Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 473 / 1524 page
background image
Section 10
Direct Memory Access Controller (DMAC)
Rev. 3.00 Jan. 18, 2008 Page 411 of 1458
REJ09B0033-0300
(6) Channel 5
• DMA source address register_5 (SAR_5)
• DMA destination address register_5 (DAR_5)
• DMA transfer count register_5 (DMATCR_5)
• DMA channel control register_5 (CHCR_5)
(7) Common
• DMA operation register (DMAOR)
• DMA extended resource selector 0 (DMARS0)
• DMA extended resource selector 1 (DMARS1)
• DMA extended resource selector 2 (DMARS2)
10.3.1
DMA Source Address Registers (SAR_0 to SAR_5)
SAR are 32-bit readable/writable registers that specify the source address of a DMA transfer.
During a DMA transfer, these registers indicate the next source address. When the data is
transferred from an external device with the DACK in single address mode, the SAR is ignored.
To transfer data in 16 bits or in 32 bits, specify the address with 16-bit or 32-bit address boundary.
When transferring data in 16-byte units, a 16-byte boundary must be set for the source address
value. The initial value is undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com