Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 478 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 478 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 474Page - Renesas Technology Corp SH7721 Datasheet HTML 475Page - Renesas Technology Corp SH7721 Datasheet HTML 476Page - Renesas Technology Corp SH7721 Datasheet HTML 477Page - Renesas Technology Corp SH7721 Datasheet HTML 478Page - Renesas Technology Corp SH7721 Datasheet HTML 479Page - Renesas Technology Corp SH7721 Datasheet HTML 480Page - Renesas Technology Corp SH7721 Datasheet HTML 481Page - Renesas Technology Corp SH7721 Datasheet HTML 482Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 478 / 1524 page
background image
Section 10
Direct Memory Access Controller (DMAC)
Rev. 3.00 Jan. 18, 2008 Page 416 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial
Value
R/W
Descriptions
7
6
DL
DS
0
0
R/W
R/W
DREQ Level and DREQ Edge Select
Specify the detecting method of the DREQ pin input and
the detecting level.
These bits are valid only in CHCR_0 and CHCR_1.
These bits are always reserved and read as 0 in CHCR_2
to CHCR_5. The write value should always be 0.
In channels 0 and 1, also, if the transfer request source is
specified as an on-chip peripheral module or if an auto-
request is specified, these bits are invalid.
00: DREQ detected in low level
01: DREQ detected at falling edge
10: DREQ detected in high level
11: DREQ detected at rising edge
5
TB
0
R/W
Transfer Bus Mode
Specifies the bus mode when DMA transfers data.
0: Cycle steal mode
1: Burst mode
4
3
TS1
TS0
0
0
R/W
R/W
Transfer Size 1, 0
Specify the size of data to be transferred.
Select the size of data to be transferred when the source
or destination is an on-chip peripheral module register of
which transfer size is specified.
00: Byte size
01: Word size (2 bytes)
10: Longword size (4 bytes)
11: 16-byte unit (four longword transfers)
2
IE
0
R/W
Interrupt Enable
Specifies whether or not an interrupt request is generated
to the CPU at the end of the DMA transfer. Setting this bit
to 1 generates an interrupt request (DEI) to the CPU
when the TE bit is set to 1.
0: Interrupt request is disabled.
1: Interrupt request is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com