Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 565 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 565 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 561Page - Renesas Technology Corp SH7721 Datasheet HTML 562Page - Renesas Technology Corp SH7721 Datasheet HTML 563Page - Renesas Technology Corp SH7721 Datasheet HTML 564Page - Renesas Technology Corp SH7721 Datasheet HTML 565Page - Renesas Technology Corp SH7721 Datasheet HTML 566Page - Renesas Technology Corp SH7721 Datasheet HTML 567Page - Renesas Technology Corp SH7721 Datasheet HTML 568Page - Renesas Technology Corp SH7721 Datasheet HTML 569Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 565 / 1524 page
background image
Section 14 Timer Unit (TMU)
Rev. 3.00 Jan. 18, 2008 Page 503 of 1458
REJ09B0033-0300
14.2.2
Timer Control Registers (TCR)
TCR are 16-bit readable/writable registers that control the timer counters (TCNT) and interrupts.
TCR control the issuance of interrupts when the flag indicating timer counter (TCNT) underflow
has been set to 1, and also carry out counter clock selection.
TCR are initialized to H'0000 at a power-on reset or manual reset. They are retained in standby or
sleep mode.
Bit
Bit Name
Initial
Value
R/W
Description
15 to 9 —
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
8
UNF
0
R/(W)* Underflow Flag
Status flag that indicates occurrence of a TCNT
underflow.
0: TCNT has not underflowed
[Clearing condition]
0 is written to UNF
1: TCNT has underflowed
[Setting condition]
TCNT underflows
7, 6
—
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
5
UNIE
0
R/W
Underflow Interrupt Control
Controls enabling of interrupt generation when the status
flag (UNF) indicating TCNT underflow has been set to 1.
0: Interrupt due to UNF (TUNI) is disabled
1: Interrupt due to UNF (TUNI) is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com