Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 566 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 566 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 562Page - Renesas Technology Corp SH7721 Datasheet HTML 563Page - Renesas Technology Corp SH7721 Datasheet HTML 564Page - Renesas Technology Corp SH7721 Datasheet HTML 565Page - Renesas Technology Corp SH7721 Datasheet HTML 566Page - Renesas Technology Corp SH7721 Datasheet HTML 567Page - Renesas Technology Corp SH7721 Datasheet HTML 568Page - Renesas Technology Corp SH7721 Datasheet HTML 569Page - Renesas Technology Corp SH7721 Datasheet HTML 570Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 566 / 1524 page
background image
Section 14 Timer Unit (TMU)
Rev. 3.00 Jan. 18, 2008 Page 504 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial
Value
R/W
Description
4, 3
—
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
2
1
0
TPSC2
TPSC1
TPSC0
0
0
0
R/W
R/W
R/W
Timer Prescaler 2 to 0
Select the TCNT count clock.
000: Count on P
φ/4
001: Count on P
φ/16
010: Count on P
φ/64
011: Count on P
φ/256
101: Count on RTC output clock (16 kHz)
Others are setting prohibited.
Note:
*
Only 0 can be written to clear the flag.
14.2.3
Timer Constant Registers (TCOR)
TCOR set the value to be set in TCNT when TCNT underflows.
TCOR are 32-bit readable/writable registers.
TCOR are initialized to H'FFFFFFFF at a power-on reset or manual reset. They are retained in
standby or sleep mode.
14.2.4
Timer Counters (TCNT)
TCNT count down upon input of a clock. The clock input is selected using the TPSC2 to TPSC0
bits in the timer control register (TCR).
When a TCNT count-down results in an underflow (H'00000000
→ H'FFFFFFFF), the underflow
flag (UNF) in the timer control register (TCR) of the relevant channel is set. The TCOR value is
simultaneously set in TCNT itself and the count-down continues from that value.
TCNT are initialized to H'FFFFFFFF at a power-on reset or manual reset. They are retained in
standby or sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com