Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 882 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 882 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 878Page - Renesas Technology Corp SH7721 Datasheet HTML 879Page - Renesas Technology Corp SH7721 Datasheet HTML 880Page - Renesas Technology Corp SH7721 Datasheet HTML 881Page - Renesas Technology Corp SH7721 Datasheet HTML 882Page - Renesas Technology Corp SH7721 Datasheet HTML 883Page - Renesas Technology Corp SH7721 Datasheet HTML 884Page - Renesas Technology Corp SH7721 Datasheet HTML 885Page - Renesas Technology Corp SH7721 Datasheet HTML 886Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 882 / 1524 page
background image
Section 25
USB Function Controller (USBF)
Rev. 3.00 Jan. 18, 2008 Page 820 of 1458
REJ09B0033-0300
25.3.14
Interrupt Enable Register 3 (IER3)
IER3 enables the interrupt requests of the interrupt flag register 3. When an interrupt flag is set to
1 while the corresponding bit of each interrupt is set to 1, the interrupt request set in the interrupt
select register 3 is issued.
Bit
Bit Name
Initial Value R/W
Description
7 to 4
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
3
EP5 TR IE
0
R/W
EP5 TR Interrupt Enable
2
EP5 TS IE
0
R/W
EP5 TS Interrupt Enable
1
EP4 TF IE
0
R/W
EP4 TF Interrupt Enable
0
EP4 TS IE
0
R/W
EP4 TS Interrupt Enable
25.3.15
Interrupt Enable Register 4 (IER4)
IER4 enables the interrupt requests of the interrupt flag register 4. When an interrupt flag is set to
1 while the corresponding bit of each interrupt is set to 1, the interrupt request set in the interrupt
select register 4 is issued.
Bit
Bit Name
Initial Value R/W Description
7 to 1
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
0
TMOUT IE
0
R/W TMOUT Interrupt Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com