Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 883 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 883 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 879Page - Renesas Technology Corp SH7721 Datasheet HTML 880Page - Renesas Technology Corp SH7721 Datasheet HTML 881Page - Renesas Technology Corp SH7721 Datasheet HTML 882Page - Renesas Technology Corp SH7721 Datasheet HTML 883Page - Renesas Technology Corp SH7721 Datasheet HTML 884Page - Renesas Technology Corp SH7721 Datasheet HTML 885Page - Renesas Technology Corp SH7721 Datasheet HTML 886Page - Renesas Technology Corp SH7721 Datasheet HTML 887Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 883 / 1524 page
background image
Section 25
USB Function Controller (USBF)
Rev. 3.00 Jan. 18, 2008 Page 821 of 1458
REJ09B0033-0300
25.3.16
EP0i Data Register (EPDR0i)
EPDR0i is an 8-byte transmit FIFO buffer for endpoint 0. EPDR0i holds one packet of transmit
data for control-in. Transmit data is fixed by writing one packet of data and setting EP0iPKTE in
the trigger register. When an ACK handshake is returned from the host after the data has been
transmitted, EP0iTS in interrupt flag register 0 is set. This FIFO buffer can be initialized by means
of EP0iCLR in the FCLR0 register.
Bit
Bit Name
Initial Value R/W Description
7 to 0 D7 to D0
Undefined
W
Data register for control-in transfer
25.3.17
EP0o Data Register (EPDR0o)
EPDR0o is an 8-byte receive FIFO buffer for endpoint 0. EPDR0o holds endpoint 0 receive data
other than setup commands. When data is received normally, EP0oTS in interrupt flag register 0 is
set, and the number of receive bytes is indicated in the EP0o receive data size register. After the
data has been read, setting EP0oRDFN in the trigger register enables the next packet to be
received. This FIFO buffer can be initialized by means of BP0oCLR in the FCLR0 register.
Bit
Bit Name
Initial Value R/W Description
7 to 0 D7 to D0
Undefined
R
Data register for control-out transfer
25.3.18
EP0s Data Register (EPDR0s)
EPDR0s is a data register specifically for endpoint 0 setup command. EPDR0s holds 8-byte
command data sent in the setup stage. However, only the command to be processed by a
microprocessor (firmware) is received. The command data to be processed automatically by this
module is not stored.
Since the setup command mast be received, previous data in the buffer is over written with new
data. In other words, when the reception of data in the setup stage starts during read, reception has
priority and read data is invalid.
Bit
Bit Name
Initial Value R/W
Description
7 to 0 D7 to D0
Undefined
R
Data register for storing the setup command at the
control-out transfer
Note:
The EPDR0s register should be read in 8-byte units. If reading is stopped before it
completes, data received in the subsequent setup stage is not read successfully.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com