| Electronic Components Datasheet Search |
|
SH7721 Datasheet(PDF) 920 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 Datasheet(HTML) 920 Page - Renesas Technology Corp |
|
920 / 1524 page ![]() Section 25 USB Function Controller (USBF) Rev. 3.00 Jan. 18, 2008 Page 858 of 1458 REJ09B0033-0300 25.8.3 Automatic Stall by USB Function Controller When a stall setting is made with the Set Feature command, or in the event of a USB specification violation, the USB function controller automatically sets the internal status bit for the relevant endpoint without regard to the corresponding bit in EPSTL, and returns a stall handshake (1-1 in figure 25.19). Once an internal status bit is set, it remains set until cleared by a Clear Feature command from the host, without regard to the corresponding bit in EPSTL. After a bit is cleared by the Clear Feature command, the corresponding bit in EPSTL is referenced (3-1 in figure 25.19). The USB function controller continues to return a stall handshake while the internal status bit is set, since the internal status bit is set even if a transaction is executed for the corresponding endpoint (2-1 and 2-2 in figure 25.19). To clear a stall, therefore, the internal status bit must be cleared with a Clear Feature command (3-1 in figure 25.19). In this time, if set by the application, the corresponding bit in EPSTL should also be cleared (2-1 in figure 25.19). (1) Transition from normal operation to stall (1-1) (2) When transaction is performed when internal status bit is set, and Clear Feature is sent (2-1) STALL handshake Transaction request STALL handshake (2-2) Clear Feature command (3) When Clear Feature is sent before transaction is performed (3-1) 1. In case of USB specification violation, etc., USB function module stalls endpoint automatically 1. Transmission of STALL handshake 1. Internal status bit cleared to 0 2. EPnSTL not changed 1. EPnSTL cleared to 0 by application 2. IN/OUT token received from host 3. Internal status bit already set to 1 4. EPnSTL not referenced 5. Internal status bit not changed Normal status restored Internal status bit 0 → 1 EPnSTL 0 Internal status bit 1 EPnSTL 0 Internal status bit 1 EPnSTL 0 Internal status bit 1 → 0 EPnSTL 0 Stall status maintained To (2-1) or (3-1) Figure 25.19 Automatic Stall by USB Function Controller |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |