Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 921 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 921 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 917Page - Renesas Technology Corp SH7721 Datasheet HTML 918Page - Renesas Technology Corp SH7721 Datasheet HTML 919Page - Renesas Technology Corp SH7721 Datasheet HTML 920Page - Renesas Technology Corp SH7721 Datasheet HTML 921Page - Renesas Technology Corp SH7721 Datasheet HTML 922Page - Renesas Technology Corp SH7721 Datasheet HTML 923Page - Renesas Technology Corp SH7721 Datasheet HTML 924Page - Renesas Technology Corp SH7721 Datasheet HTML 925Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 921 / 1524 page
background image
Section 25
USB Function Controller (USBF)
Rev. 3.00 Jan. 18, 2008 Page 859 of 1458
REJ09B0033-0300
25.9
Usage Notes
25.9.1
Setup Data Reception
The following points should be noted on the EP0s data register (EPDR0s) in which reception of 8-
byte setup data is performed.
1. Since the setup command must be received in the USB, writing from the USB bus side is prior
to reading from the CPU side. While the CPU reads data after completion of reception and
reception of the next setup command is started, reading from the CPU side is forcibly invalid.
Therefore a value to be read after starting reception is undefined.
2. EPDR0s must be read in 8-byte units. If reading is suspended while it is in progress, data
received in the next setup cannot be read successfully.
25.9.2
FIFO Clear
When the USB cable is disconnected during communication, data which is receiving or
transmitting may remain in the FIFO. Therefore the FIFO must be cleared immediately after
connecting the USB cable again.
Note that the FIFO in which data is receiving from the host or transmitting to the host must not be
cleared.
25.9.3
Overreading/Overwriting of Data Register
The following points should be noted when the data register of the USBF is read from or written
to.
(1)
Receive Data Register
The receive data register must not read data which is more than valid receive data bytes. That is,
data which is more than bytes indicated in the receive data size register must not be read. In case
of the receive data register which has the dual FIFO buffer, the maximum number of data which
can be read in a single time is maximum packet size. Write 1 to TRG after data in the current valid
buffer is read. This writing switches the FIFO buffer. Then, the new number of bytes is reflected
in the receive data size and the next data can be read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com