| Electronic Components Datasheet Search |
|
SH7721 Datasheet(PDF) 919 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 Datasheet(HTML) 919 Page - Renesas Technology Corp |
|
919 / 1524 page ![]() Section 25 USB Function Controller (USBF) Rev. 3.00 Jan. 18, 2008 Page 857 of 1458 REJ09B0033-0300 the internal status bit to be cleared with a Clear Feature command (2-1, 2-2, and 2-3 in figure 25.16). (1) Transition from normal operation to stall (1-1) Transaction request USB Reference (1-2) STALL handshake Stall To 2 of (2-1) To (2-1) or (3-1) Normal status restored (1-3) (2) When Clear Feature is sent after EPSTL is cleared (2-1) STALL handshake Transaction request (2-2) Clear Feature command Clear Feature command (2-3) (3) When Clear Feature is sent before EPSTL is cleared to 0 (3-1) 1. 1 written to EPnSTL by application 1. IN/OUT token received from host 2. EPnSTL referenced 1. Transmission of STALL handshake 1. Internal status bit cleared to 0 1. Internal status bit cleared to 0 2. EPnSTL not changed 1. EPnSTL cleared to 0 by application 2. IN/OUT token received from host 3. Internal status bit already set to 1 4. EPnSTL not referenced 5. Internal status bit not changed To (1-2) Internal status bit 0 EPnSTL 0 → 1 Internal status bit 0 EPnSTL 1 Internal status bit 0 → 1 EPnSTL 1 Internal status bit 1 EPnSTL 1 → 0 Internal status bit 1 EPnSTL 0 Internal status bit 1 → 0 EPnSTL 0 Internal status bit 1 → 0 EPnSTL 1 STALL handshake Stall (1-4) Internal status bit 0 → 1 EPnSTL 1 1. 1 set in CTLR/ASCE 2. 1 set in EPnSTL 3. EPnSTL cleared to 0 automatically 4. Internal status bit set to 1 5. Transmission of STALL handshake Note: The CTLR/ASCE bit should be set to 1 before the EPnSTL bit (each stall bit) in EPSTL is set to 1. 1. 0 set in CTLR/ASCE 2. 1 set in EPnSTL 3. Internal status bit set to 1 4. Transmission of STALL handshake Figure 25.18 Forcible Stall by Application |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |