Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 922 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 922 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 918Page - Renesas Technology Corp SH7721 Datasheet HTML 919Page - Renesas Technology Corp SH7721 Datasheet HTML 920Page - Renesas Technology Corp SH7721 Datasheet HTML 921Page - Renesas Technology Corp SH7721 Datasheet HTML 922Page - Renesas Technology Corp SH7721 Datasheet HTML 923Page - Renesas Technology Corp SH7721 Datasheet HTML 924Page - Renesas Technology Corp SH7721 Datasheet HTML 925Page - Renesas Technology Corp SH7721 Datasheet HTML 926Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 922 / 1524 page
background image
Section 25
USB Function Controller (USBF)
Rev. 3.00 Jan. 18, 2008 Page 860 of 1458
REJ09B0033-0300
(2)
Transmit Data Register
The transmit data register must not write data which is more than maximum packet size. In case of
the transmit data register which has the dual FIFO buffer, the maximum number of data which can
be written in a single time is maximum packet size. Write 1 to TRG/PKTE after data is written.
This writing switches the FIFO buffer. Then, the next data can be written to another buffer.
Therefore data must not be written in both buffers in a single time.
25.9.4
Assigning EP0 Interrupt Sources
The EP0 interrupt sources assigned to IFR0 (bits 0, 1, and 2) must be assigned to the same
interrupt pins by ISR0. The other interrupt sources have no restrictions.
25.9.5
FIFO Clear when DMA Transfer is Set
When the DMA transfer is enabled in endpoint 1, the data register cannot be cleared. Cancel the
DMA transfer before clearing the data register.
25.9.6
Note on Using TR Interrupt
The bulk-in transfer has a transfer request interrupt (TR interrupt). The following points should be
noted when using a TR interrupt.
When the IN token is sent from the USB host and there is no data in the corresponding EP FIFO,
the TR interrupt flag is set. However, the TR interrupt is generated continuously at the timing as
shown in figure 20.18. In this case, note that erroneous operation should not occur.
Note:
When the IN token is received and there is no data in the corresponding EP FIFO, an NAK
is determined. However, the TR interrupt flag is set after an NAK handshake is
transmitted. Therefore when the next IN token is received before TRG/PKTE is written,
the TR interrupt flag is set again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com