| Electronic Components Datasheet Search |
|
SH7721 Datasheet(PDF) 925 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 Datasheet(HTML) 925 Page - Renesas Technology Corp |
|
925 / 1524 page ![]() Section 26 LCD Controller (LCDC) Rev. 3.00 Jan. 18, 2008 Page 863 of 1458 REJ09B0033-0300 Section 26 LCD Controller (LCDC) A unified memory architecture is adopted for the LCD controller (LCDC) so that the image data for display is stored in system memory. The LCDC module reads data from system memory, uses the palette memory to determine the colors, then puts the display on the LCD panel. It is possible to connect the LCDC to the LCD module* other than microcomputer bus interface types and NTSC/PAL types and those that apply the LVDS interface. Note: * LCD module can be connected to the LVDS interface by using the LSI with LVDS conversion LSI. 26.1 Features The LCDC has the following features. • Panel interface Serial interface method Supports data formats for STN/dual-STN/TFT panels (8/12/16/18-bit bus width)*1 • Supports 4/8/15/16-bpp (bits per pixel) color modes • Supports 1/2/4/6-bpp grayscale modes • Supports LCD-panel sizes from 16 × 1 to 1024 × 1024*2 • 24-bit color palette memory (16 of the 24 bits are valid; R:5/G:6/B:5) • STN/DSTN panels are prone to flicker and shadowing. The controller applies 65536-color control by 24-bit space-modulation FRC (Frame Rate Controller) with 8-bit RGB values for reduced flicker. • Dedicated display memory is unnecessary using part of the synchronous DRAM (area 3) as the VRAM to store display data of the LCDC. • The display is stable because of the large 2.4-kbyte line buffer • Supports the inversion of the output signal to suit the LCD panel's signal polarity • Supports the selection of data formats (the endian setting for bytes, packed pixel method) by register settings • An interrupt can be generated at the user specified position (controlling the timing of VRAM update start prevents flicker) • A hardware-rotation mode is included to support the use of landscape-format LCD panels as portrait-format LCD panels (the horizontal width of the panel before rotation must be within 320 pixels (see table 26.4.) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |