Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 928 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 928 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 924Page - Renesas Technology Corp SH7721 Datasheet HTML 925Page - Renesas Technology Corp SH7721 Datasheet HTML 926Page - Renesas Technology Corp SH7721 Datasheet HTML 927Page - Renesas Technology Corp SH7721 Datasheet HTML 928Page - Renesas Technology Corp SH7721 Datasheet HTML 929Page - Renesas Technology Corp SH7721 Datasheet HTML 930Page - Renesas Technology Corp SH7721 Datasheet HTML 931Page - Renesas Technology Corp SH7721 Datasheet HTML 932Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 928 / 1524 page
background image
Section 26
LCD Controller (LCDC)
Rev. 3.00 Jan. 18, 2008 Page 866 of 1458
REJ09B0033-0300
26.3
Register Configuration
The LCDC includes the following registers. Refer to section 37, List of Registers, for more details
on the addresses and states of these registers in each operating mode.
• LCDC input clock register (LDICKR)
• LCDC module type register (LDMTR)
• LCDC data format register (LDDFR)
• LCDC scan mode register (LDSMR)
• LCDC data fetch start address register for upper display panel (LDSARU)
• LCDC data fetch start address register for lower display panel (LDSARL)
• LCDC fetch data line address offset register for display panel (LDLAOR)
• LCDC palette control register (LDPALCR)
• LCDC palette data register 00 to FF (LDPR00 to LDPRFF)
• LCDC horizontal character number register (LDHCNR)
• LCDC horizontal synchronization signal register (LDHSYNR)
• LCDC vertical displayed line number register (LDVDLNR)
• LCDC vertical total line number register (LDVTLNR)
• LCDC vertical synchronization signal register (LDVSYNR)
• LCDC AC modulation signal toggle line number register (LDACLNR)
• LCDC interrupt control register (LDINTR)
• LCDC power management mode register (LDPMMR)
• LCDC power supply sequence period register (LDPSPR)
• LCDC control register (LDCNTR)
• LCDC user specified interrupt control register (LDUINTR)
• LCDC user specified interrupt line number register (LDUINTLNR)
• LCDC memory access interval number register (LDLIRNR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com