Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 929 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 929 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 925Page - Renesas Technology Corp SH7721 Datasheet HTML 926Page - Renesas Technology Corp SH7721 Datasheet HTML 927Page - Renesas Technology Corp SH7721 Datasheet HTML 928Page - Renesas Technology Corp SH7721 Datasheet HTML 929Page - Renesas Technology Corp SH7721 Datasheet HTML 930Page - Renesas Technology Corp SH7721 Datasheet HTML 931Page - Renesas Technology Corp SH7721 Datasheet HTML 932Page - Renesas Technology Corp SH7721 Datasheet HTML 933Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 929 / 1524 page
background image
Section 26
LCD Controller (LCDC)
Rev. 3.00 Jan. 18, 2008 Page 867 of 1458
REJ09B0033-0300
26.3.1
LCDC Input Clock Register (LDICKR)
This LCDC can select the bus clock (B
φ), the peripheral clock (Pφ), or the external clock
(LCD_CLK) as its operation clock source. The selected clock source can be divided using an
internal divider into a clock of 1/1 to 1/32 and be used as the LCDC operating clock (DOTCLK).
The clock output from the LCDC is used to generate the synchronous clock output (LCD_CL2)
for the LCD panel from the operating clock selected in this register. For a TFT panel, LCD_CL2 =
DOTCLK, and for an STN or DSTN panel, LCD_CL2 = a clock with a frequency of
(DOTCLK/data bus width of output to LCD panel). The LDICKR must be set so that the clock
input to the LCDC is 66 MHz or less regardless of the LCD_CL2.
Bit
Bit Name
Initial Value
R/W
Description
15, 14
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
13
12
ICKSEL1
ICKSEL0
0
0
R/W
R/W
Input Clock Select
Set the clock source for DOTCLK.
00: Bus clock is selected (B
φ)
01: Peripheral clock is selected (P
φ)
10: External clock is selected (LCD_CLK)
11: Setting prohibited
11 to 9
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
8
1
R
Reserved
This bit is always read as 1. The write value
should always be 1.
7, 6
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
5
4
3
2
1
0
DCDR5
DCDR4
DCDR3
DCDR2
DCDR1
DCDR0
0
0
0
0
0
1
R/W
R/W
R/W
R/W
R/W
R/W
Clock Division Ratio
Set the input clock division ratio. For details on the
setting, refer to table 26.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com