Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 933 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 933 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 929Page - Renesas Technology Corp SH7721 Datasheet HTML 930Page - Renesas Technology Corp SH7721 Datasheet HTML 931Page - Renesas Technology Corp SH7721 Datasheet HTML 932Page - Renesas Technology Corp SH7721 Datasheet HTML 933Page - Renesas Technology Corp SH7721 Datasheet HTML 934Page - Renesas Technology Corp SH7721 Datasheet HTML 935Page - Renesas Technology Corp SH7721 Datasheet HTML 936Page - Renesas Technology Corp SH7721 Datasheet HTML 937Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 933 / 1524 page
background image
Section 26
LCD Controller (LCDC)
Rev. 3.00 Jan. 18, 2008 Page 871 of 1458
REJ09B0033-0300
26.3.3
LCDC Data Format Register (LDDFR)
LDDFR sets the bit alignment for pixel data in one byte and selects the data type and number of
colors used for display so as to match the display driver software specifications.
Bit
Bit Name
Initial Value
R/W
Description
15 to 9
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
8
PABD
0
R/W
Byte Data Pixel Alignment
Sets the pixel data alignment type in one byte of
data. The contents of aligned data per pixel are the
same regardless of this bit's setting. For example,
data H'05 should be expressed as B'0101 which is
the normal style handled by a MOV instruction of the
this CPU, and should not be selected between
B'0101 and B'1010.
0: Big endian for byte data
1: Little endian for byte data
7
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com