Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 935 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 935 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 931Page - Renesas Technology Corp SH7721 Datasheet HTML 932Page - Renesas Technology Corp SH7721 Datasheet HTML 933Page - Renesas Technology Corp SH7721 Datasheet HTML 934Page - Renesas Technology Corp SH7721 Datasheet HTML 935Page - Renesas Technology Corp SH7721 Datasheet HTML 936Page - Renesas Technology Corp SH7721 Datasheet HTML 937Page - Renesas Technology Corp SH7721 Datasheet HTML 938Page - Renesas Technology Corp SH7721 Datasheet HTML 939Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 935 / 1524 page
background image
Section 26
LCD Controller (LCDC)
Rev. 3.00 Jan. 18, 2008 Page 873 of 1458
REJ09B0033-0300
26.3.4
LCDC Scan Mode Register (LDSMR)
LDSMR selects whether or not to enable the hardware rotation function that is used to rotate the
LCD panel, and sets the burst length for the VRAM (synchronous DRAM in area 3) used for
display.
Bit
Bit Name Initial Value
R/W
Description
15, 14
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
13
ROT
0
R/W
Rotation Module Select
Selects whether or not to rotate the display by
hardware. Note that the following restrictions are
applied to rotation.
• An STN or TFT panel must be used. A DSTN
panel is not allowed.
• The maximum horizontal (internal scan direction of
the LCD panel) width of the LCD panel is 320.
• Set a binary exponential that exceeds the display
size in LDLAOR. (For example, 256 must be
selected when a 320
× 240 panel is rotated to be
used as a 240
× 320 panel and the horizontal
width of the image is 240 bytes.)
0: Not rotated
1: Rotated 90 degrees rightwards (left side of
image is displayed on the upper side of the LCD
module)
12 to 10
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com