Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 939 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 939 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 935Page - Renesas Technology Corp SH7721 Datasheet HTML 936Page - Renesas Technology Corp SH7721 Datasheet HTML 937Page - Renesas Technology Corp SH7721 Datasheet HTML 938Page - Renesas Technology Corp SH7721 Datasheet HTML 939Page - Renesas Technology Corp SH7721 Datasheet HTML 940Page - Renesas Technology Corp SH7721 Datasheet HTML 941Page - Renesas Technology Corp SH7721 Datasheet HTML 942Page - Renesas Technology Corp SH7721 Datasheet HTML 943Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 939 / 1524 page
background image
Section 26
LCD Controller (LCDC)
Rev. 3.00 Jan. 18, 2008 Page 877 of 1458
REJ09B0033-0300
26.3.7
LCDC Line Address Offset Register for Display Data Fetch (LDLAOR)
LDLAOR sets the address width of the Y-coordinates increment used for LCDC to read the image
recognized by the graphics driver. This register specifies how many bytes the address from which
data is to be read should be moved when the Y coordinates have been incremented by 1. This
register does not have to be equal to the horizontal width of the LCD panel. When the memory
address of a point (X, Y) in the two-dimensional image is calculated by Ax + By+ C, this register
becomes equal to B in this equation.
Bit
Bit Name Initial Value
R/W
Description
15 to 10 LAO15 to
LAO10
All 0
R/W
9
LAO9
1
R/W
8
LAO8
0
R/W
7
LAO7
1
R/W
6 to 0
LAO6 to
LAO0
All 0
R/W
Line Address Offset
The minimum alignment unit of LDLAOR is 16 bytes.
Because the LCDC handles these values as 16-byte
data, the values written to the lower four bits of the
register are always treated as 0. The lower four bits of
the register are always read as 0. The initial values (
×
resolution = 640) will continuously and accurately
place the VGA (640
× 480 dots) display data without
skipping an address between lines. For details, see
tables 26.3 and 26.4.
A binary exponential at least as large as the horizontal
width of the image is recommended for the LDLAOR
value while taking into consideration the software
operation speed. When the hardware rotation function
is used, the LDLAOR value should be a binary
exponential (in this example, 256) at least as large as
the horizontal width of the image (after rotation, it
becomes 240 in a 240
× 320 panel) instead of the
horizontal width of the LCD panel (320 in a 320
× 240
panel).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com