Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 941 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 941 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 937Page - Renesas Technology Corp SH7721 Datasheet HTML 938Page - Renesas Technology Corp SH7721 Datasheet HTML 939Page - Renesas Technology Corp SH7721 Datasheet HTML 940Page - Renesas Technology Corp SH7721 Datasheet HTML 941Page - Renesas Technology Corp SH7721 Datasheet HTML 942Page - Renesas Technology Corp SH7721 Datasheet HTML 943Page - Renesas Technology Corp SH7721 Datasheet HTML 944Page - Renesas Technology Corp SH7721 Datasheet HTML 945Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 941 / 1524 page
background image
Section 26
LCD Controller (LCDC)
Rev. 3.00 Jan. 18, 2008 Page 879 of 1458
REJ09B0033-0300
26.3.9
Palette Data Registers 00 to FF (LDPR00 to LDPRFF)
LDPR registers are for accessing palette data directly allocated (4 bytes x 256 addresses) to the
memory space. To access the palette memory, access the corresponding register among this
register group (LDPR00 to LDPRFF). Each palette register is a 32-bit register including three 8-bit
areas for R, G, and B. For details on the color palette specifications, see section 26.4.3, Color
Palette Specification.
Bit
Bit Name
Initial Value R/W
Description
31 to 24
R
Reserved
23 to 0
PALDnn23 to
PALDnn0
R/W
Palette Data
Bits 18 to 16, 9, 8, and 2 to 0 are reserved within
each RGB palette and cannot be set. However,
these bits can be extended according to the upper
bits.
Note:
nn = H'00 to H'FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com