Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 942 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 942 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 938Page - Renesas Technology Corp SH7721 Datasheet HTML 939Page - Renesas Technology Corp SH7721 Datasheet HTML 940Page - Renesas Technology Corp SH7721 Datasheet HTML 941Page - Renesas Technology Corp SH7721 Datasheet HTML 942Page - Renesas Technology Corp SH7721 Datasheet HTML 943Page - Renesas Technology Corp SH7721 Datasheet HTML 944Page - Renesas Technology Corp SH7721 Datasheet HTML 945Page - Renesas Technology Corp SH7721 Datasheet HTML 946Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 942 / 1524 page
background image
Section 26
LCD Controller (LCDC)
Rev. 3.00 Jan. 18, 2008 Page 880 of 1458
REJ09B0033-0300
26.3.10
LCDC Horizontal Character Number Register (LDHCNR)
LDHCNR specifies the LCD module's horizontal size (in the scan direction) and the entire scan
width including the horizontal retrace period.
Bit
Bit Name Initial Value R/W
Description
15
14
13
12
11
10
9
8
HDCN7
HDCN6
HDCN5
HDCN4
HDCN3
HDCN2
HDCN1
HDCN0
0
1
0
0
1
1
1
1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Horizontal Display Character Number
Set the number of horizontal display characters (unit:
character = 8 dots).
Specify to the value of (the number of display
characters) -1.
Example: For a LCD module with a width of 640 pixels.
HDCN = (640/8) -1 = 79 = H'4F
7
6
5
4
3
2
1
0
HTCN7
HTCN6
HTCN5
HTCN4
HTCN3
HTCN2
HTCN1
HTCN0
0
1
0
1
0
0
1
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Horizontal Total Character Number
Set the number of total horizontal characters (unit:
character = 8 dots).
Specify to the value of (the number of total characters) -
1.
However, the minimum horizontal retrace period is three
characters (24 dots).
Example: For a LCD module with a width of 640 pixels.
HTCN = [(640/8)-1] +3 = 82 = H'52
In this case, the number of total horizontal dots
is 664 dots and the horizontal retrace period is
24 dots.
Notes: 1. The values set in HDCN and HTCN must satisfy the relationship of HTCN
≥ HDCN.
2. Set HDCN according to the display resolution as follows:
1 bpp: (multiplex of 16)
− 1 [1 line is multiplex of 128 pixel]
2 bpp: (multiplex of 8)
− 1 [1 line is multiplex of 64 pixel]
4 bpp: (multiplex of 4)
− 1 [1 line is multiplex of 32 pixel]
6 bpp/8 bpp: (multiplex of 2)
− 1 [1 line is multiplex of 16 pixel]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com