Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 946 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 946 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 942Page - Renesas Technology Corp SH7721 Datasheet HTML 943Page - Renesas Technology Corp SH7721 Datasheet HTML 944Page - Renesas Technology Corp SH7721 Datasheet HTML 945Page - Renesas Technology Corp SH7721 Datasheet HTML 946Page - Renesas Technology Corp SH7721 Datasheet HTML 947Page - Renesas Technology Corp SH7721 Datasheet HTML 948Page - Renesas Technology Corp SH7721 Datasheet HTML 949Page - Renesas Technology Corp SH7721 Datasheet HTML 950Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 946 / 1524 page
background image
Section 26
LCD Controller (LCDC)
Rev. 3.00 Jan. 18, 2008 Page 884 of 1458
REJ09B0033-0300
26.3.14
LCDC Vertical Sync Signal Register (LDVSYNR)
LDVSYNR specifies the vertical (scan direction and vertical direction) sync signal timing of the
LCD module.
Bit
Bit Name
Initial Value
R/W
Description
15
14
13
12
VSYNW3
VSYNW2
VSYNW1
VSYNW0
0
0
0
0
R/W
R/W
R/W
R/W
Vertical Sync Signal Width
Set the width of the vertical sync signals (FLM and
Vsync) (unit: line).
Specify to the value of (the vertical sync signal
width) -1.
Example: For a vertical sync signal width of 1 line.
VSYNW = (1-1) = 0 = H'0
11
0
R
Reserved
This bit is always read as 0. The write value
should always be 0.
10
9
8
7
6
5
4
3
2
1
0
VSYNP10
VSYNP9
VSYNP8
VSYNP7
VSYNP6
VSYNP5
VSYNP4
VSYNP3
VSYNP2
VSYNP1
VSYNP0
0
0
1
1
1
0
1
1
1
1
1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Vertical Sync Signal Output Position
Set the output position of the vertical sync signals
(FLM and Vsync) (unit: line).
Specify to the value of (the number of vertical sync
signal output position) -2.
DSTN should be set to an odd number value. It is
handled as (setting value+1)/2.
Example: For an 480-line LCD module and a
vertical retrace period of 0 lines (in other words,
VTLN=479 and the vertical sync signal is active for
the first line):
• Single display
VSYNP = [(1-1)+VTLN]mod(VTLN+1)
= [(1-1)+479]mod(479+1)
= 479mod480 = 479 =H'1DF
• Dual displays
VSYNP = [(1-1)
×2+VTLN]mod(VTLN+1)
= [(1-1)
×2+479]mod(479+1)
= 479mod480 = 479 =H'1DF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com