Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 949 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 949 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 945Page - Renesas Technology Corp SH7721 Datasheet HTML 946Page - Renesas Technology Corp SH7721 Datasheet HTML 947Page - Renesas Technology Corp SH7721 Datasheet HTML 948Page - Renesas Technology Corp SH7721 Datasheet HTML 949Page - Renesas Technology Corp SH7721 Datasheet HTML 950Page - Renesas Technology Corp SH7721 Datasheet HTML 951Page - Renesas Technology Corp SH7721 Datasheet HTML 952Page - Renesas Technology Corp SH7721 Datasheet HTML 953Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 949 / 1524 page
background image
Section 26
LCD Controller (LCDC)
Rev. 3.00 Jan. 18, 2008 Page 887 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial Value
R/W
Description
11
MINTS
0
R/W
Memory Access Interrupt State
Indicates the memory access interrupt handling
state.
This bit indicates 1 when the LCDC memory access
interrupt is generated (set state). During the
memory access interrupt handling routine, this bit
should be cleared by writing 0.
0: LCDC did not generate a memory access
interrupt or has been informed that the generated
memory access interrupt has completed
1: LCDC has generated a memory access end
interrupt and not yet been informed that the
generated memory access interrupt has
completed
10
FINTS
0
R/W
Flame End Interrupt State
Indicates the flame end interrupt handling state.
This bit indicates 1 at the time when the LCDC
flame end interrupt is generated (set state). During
the flame end interrupt handling routine, this bit
should be cleared by writing 0.
0: LCDC did not generate a flame end interrupt or
has been informed that the generated flame end
interrupt has completed
1: LCDC has generated a flame end interrupt and
not yet been informed that the generated flame
end interrupt has completed
9
VSINTS
0
R/W
Vsync Start Interrupt State
Indicates the LCDC's Vsync start interrupt handling
state. This bit is set to 1 at the time a Vsync start
interrupt is generated. During the Vsync start
interrupt handling routine, this bit should be cleared
by writing 0 to it.
0: LCDC did not generate a Vsync start interrupt or
has been informed that the generated Vsync
start interrupt has completed
1: LCDC has generated a Vsync start interrupt and
has not yet been informed that the generated
Vsync start interrupt has completed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com