Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 940 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 940 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 936Page - Renesas Technology Corp SH7721 Datasheet HTML 937Page - Renesas Technology Corp SH7721 Datasheet HTML 938Page - Renesas Technology Corp SH7721 Datasheet HTML 939Page - Renesas Technology Corp SH7721 Datasheet HTML 940Page - Renesas Technology Corp SH7721 Datasheet HTML 941Page - Renesas Technology Corp SH7721 Datasheet HTML 942Page - Renesas Technology Corp SH7721 Datasheet HTML 943Page - Renesas Technology Corp SH7721 Datasheet HTML 944Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 940 / 1524 page
background image
Section 26
LCD Controller (LCDC)
Rev. 3.00 Jan. 18, 2008 Page 878 of 1458
REJ09B0033-0300
26.3.8
LCDC Palette Control Register (LDPALCR)
LDPALCR selects whether the CPU or LCDC accesses the palette memory. When the palette
memory is being used for display operation, display mode should be selected. When the palette
memory is being written to, color-palette setting mode should be selected.
Bit
Bit Name
Initial Value
R/W
Description
15 to 5
All 0
R
Reserved
These bits always read as 0. The write value should
always be 0.
4
PALS
0
R
Palette State
Indicates the access right state of the palette.
0: Display mode: LCDC uses the palette
1: Color-palette setting mode: The host (CPU) uses
the palette
3 to 1
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
0
PALEN
0
R/W
Palette Read/Write Enable
Requests the access right to the palette.
0: Request for transition to normal display mode
1: Request for transition to color palette setting mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com