Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 934 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 934 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 930Page - Renesas Technology Corp SH7721 Datasheet HTML 931Page - Renesas Technology Corp SH7721 Datasheet HTML 932Page - Renesas Technology Corp SH7721 Datasheet HTML 933Page - Renesas Technology Corp SH7721 Datasheet HTML 934Page - Renesas Technology Corp SH7721 Datasheet HTML 935Page - Renesas Technology Corp SH7721 Datasheet HTML 936Page - Renesas Technology Corp SH7721 Datasheet HTML 937Page - Renesas Technology Corp SH7721 Datasheet HTML 938Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 934 / 1524 page
background image
Section 26
LCD Controller (LCDC)
Rev. 3.00 Jan. 18, 2008 Page 872 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial Value R/W
Description
6
5
4
3
2
1
0
DSPCOLOR6
DSPCOLOR5
DSPCOLOR4
DSPCOLOR3
DSPCOLOR2
DSPCOLOR1
DSPCOLOR0
0
0
0
1
1
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Display Color Select
Set the number of display colors for the display (0 is
written to upper bits of 4 to 6 bpp). For display
colors to which the description (via palette) is added
below, the color set by the color palette is actually
selected by the display data and displayed.
The number of colors that can be selected in
rotation mode is restricted by the display resolution.
For details, see table 26.4.
0000000: Monochrome, 2 grayscales, 1 bpp (via
palette)
0000001: Monochrome, 4 grayscales, 2 bpp (via
palette)
0000010: Monochrome, 16 grayscales, 4 bpp (via
palette)
0000100: Monochrome, 64 grayscales, 6 bpp (via
palette)
0001010: Color, 16 colors, 4 bpp (via palette)
0001100: Color, 256 colors, 8 bpp (via palette)
0011101: Color, 32k colors (RGB: 555), 15 bpp
0101101: Color, 64k colors (RGB: 565), 16 bpp
Settings other than above: Setting prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com