Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 930 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 930 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 926Page - Renesas Technology Corp SH7721 Datasheet HTML 927Page - Renesas Technology Corp SH7721 Datasheet HTML 928Page - Renesas Technology Corp SH7721 Datasheet HTML 929Page - Renesas Technology Corp SH7721 Datasheet HTML 930Page - Renesas Technology Corp SH7721 Datasheet HTML 931Page - Renesas Technology Corp SH7721 Datasheet HTML 932Page - Renesas Technology Corp SH7721 Datasheet HTML 933Page - Renesas Technology Corp SH7721 Datasheet HTML 934Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 930 / 1524 page
background image
Section 26
LCD Controller (LCDC)
Rev. 3.00 Jan. 18, 2008 Page 868 of 1458
REJ09B0033-0300
Table 26.2
I/O Clock Frequency and Clock Division Ratio
I/O Clock Frequency (MHz)
DCDR[5:0]
Clock Division
Ratio
50.000
60.000
66.000
000001
1/1
50.000
60.000
66.000
000010
1/2
25.000
30.000
33.000
000011
1/3
16.667
20.000
22.000
000100
1/4
12.500
15.000
16.500
000110
1/6
8.333
10.000
11.000
001000
1/8
6.250
7.500
8.250
001100
1/12
4.167
5.000
5.500
010000
1/16
3.125
3.750
4.125
011000
1/24
2.083
2.500
2.750
100000
1/32
1.563
1.875
2.063
Note:
Any setting other than above is handled as a clock division ratio of 1/1 (initial value).
26.3.2
LCDC Module Type Register (LDMTR)
LDMTR sets the control signals output from this LCDC and the polarity of the data signals,
according to the polarity of the signals for the LCD module connected to the LCDC.
Bit
Bit Name
Initial Value
R/W
Description
15
FLMPOL
0
R/W
FLM (Vertical Sync Signal) Polarity Select
Selects the polarity of the LCD_FLM (vertical sync
signal, first line marker) for the LCD module.
0: LCD_FLM pulse is high active
1: LCD_FLM pulse is low active
14
CL1POL
0
R/W
CL1 (Horizontal Sync Signal) Polarity Select
Selects the polarity of the LCD_CL1 (horizontal sync
signal) for the LCD module.
0: LCD_CL1 pulse is high active
1: LCD_CL1 pulse is low active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com