Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 122 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 122 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 118Page - Renesas Technology Corp SH7721 Datasheet HTML 119Page - Renesas Technology Corp SH7721 Datasheet HTML 120Page - Renesas Technology Corp SH7721 Datasheet HTML 121Page - Renesas Technology Corp SH7721 Datasheet HTML 122Page - Renesas Technology Corp SH7721 Datasheet HTML 123Page - Renesas Technology Corp SH7721 Datasheet HTML 124Page - Renesas Technology Corp SH7721 Datasheet HTML 125Page - Renesas Technology Corp SH7721 Datasheet HTML 126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 1524 page
background image
Section 2
CPU
Rev. 3.00 Jan. 18, 2008 Page 60 of 1458
REJ09B0033-0300
2.5.3
Instruction Formats
Table 2.4 shows the instruction formats, and the meaning of the source and destination operands,
for instructions executed by the CPU core. The meaning of the operands depends on the
instruction code. The following symbols are used in the table.
xxxx:
Instruction code
mmmm:
Source register
nnnn:
Destination register
iiii:
Immediate data
dddd:
Displacement
Table 2.4
CPU Instruction Formats
Instruction Format
Source Operand
Destination
Operand
Sample Instruction
0 type
xxxx xxxx xxxx xxxx
15
0
NOP
n type
xxxx nnnn xxxx xxxx
15
0
nnnn: register
direct
MOVT
Rn
Control register or
system register
nnnn: register
direct
STS
MACH,Rn
Control register or
system register
nnnn: pre-
decrement register
indirect
STC.L
SR,@-Rn
m type
xxxx mmmm xxxx xxxx
15
0
mmmm: register
direct
Control register or
system register
LDC
Rm,SR
mmmm: post-
increment register
indirect
Control register or
system register
LDC.L
@Rm+,SR
mmmm: register
indirect
JMP
@Rm
PC-relative using
Rm
BRAF
Rm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com