Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 128 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 124Page - Renesas Technology Corp SH7721 Datasheet HTML 125Page - Renesas Technology Corp SH7721 Datasheet HTML 126Page - Renesas Technology Corp SH7721 Datasheet HTML 127Page - Renesas Technology Corp SH7721 Datasheet HTML 128Page - Renesas Technology Corp SH7721 Datasheet HTML 129Page - Renesas Technology Corp SH7721 Datasheet HTML 130Page - Renesas Technology Corp SH7721 Datasheet HTML 131Page - Renesas Technology Corp SH7721 Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 1524 page
background image
Section 2
CPU
Rev. 3.00 Jan. 18, 2008 Page 66 of 1458
REJ09B0033-0300
Instruction
Instruction Code
Operation
Privilege
Execution
States
T Bit
Indicated by mnemonic.
Explanation of Symbols
OP.Sz SRC, DEST
OP:
Operation code
Sz:
Size
SRC:
Source
DEST: Destination
Rm:
Source register
Rn:
Destination register
imm: Immediate data
disp: Displacement
Indicated in MSB
↔
LSB order.
Explanation of Symbols
mmmm: Source register
nnnn: Destination register
0000: R0
0001: R1
.........
1111: R15
iiii:
Immediate data
dddd:
Displacement*
2
Indicates summary of
operation.
Explanation of Symbols
→, ←: Transfer direction
(xx):
Memory operand
M/Q/T: Flag bits in SR
&:
Logical AND of each bit
|:
Logical OR of each bit
^:
Exclusive logical OR of
each bit
~:
Logical NOT of each bit
<<n: n-bit left shift
>>n: n-bit right shift
Indicates a
privileged
instruction.
Value
when no
wait states
are
inserted*
1
Value of T
bit after
instruction
is executed
Explanation
of Symbols
: No
change
Notes: 1. The table shows the minimum number of execution states. In practice, the number of
instruction execution states will be increased in cases such as the following:
a.
When there is a conflict between an instruction fetch and a data access
b.
When the destination register of a load instruction (memory
→ register) is also
used by the following instruction
2. Scaled (x1, x2, or x4) according to the instruction operand size, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com