Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 123Page - Renesas Technology Corp SH7721 Datasheet HTML 124Page - Renesas Technology Corp SH7721 Datasheet HTML 125Page - Renesas Technology Corp SH7721 Datasheet HTML 126Page - Renesas Technology Corp SH7721 Datasheet HTML 127Page - Renesas Technology Corp SH7721 Datasheet HTML 128Page - Renesas Technology Corp SH7721 Datasheet HTML 129Page - Renesas Technology Corp SH7721 Datasheet HTML 130Page - Renesas Technology Corp SH7721 Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 1524 page
background image
Section 2
CPU
Rev. 3.00 Jan. 18, 2008 Page 65 of 1458
REJ09B0033-0300
Type
Kinds of
Instruction
Op Code
Function
Number of
Instructions
9
BF
Conditional branch, delayed conditional
branch (T = 0)
11
BT
Conditional branch, delayed conditional
branch (T = 1)
BRA
Unconditional branch
BRAF
Unconditional branch
BSR
Branch to subroutine procedure
BSRF
Branch to subroutine procedure
JMP
Unconditional branch
JSR
Branch to subroutine procedure
Branch
instructions
RTS
Return from subroutine procedure
15
CLRMAC
MAC register clear
75
CLRS
S bit clear
System
control
instructions
CLRT
T bit clear
LDC
Load into control register
LDS
Load into system register
LDTLB
PTEH/PTEL load into TLB
NOP
No operation
PREF
Data prefetch to cache
RTE
Return from exception handling
SETS
S bit setting
SETT
T bit setting
SLEEP
Transition to power-down mode
STC
Store from control register
STS
Store from system register
TRAPA
Trap exception handling
Total:
68
188
The instruction code, operation, and number of execution states of the CPU instructions are shown
in the following tables, classified by instruction type, using the format shown below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com