Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1368 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1368 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1364Page - Renesas Technology Corp SH7721 Datasheet HTML 1365Page - Renesas Technology Corp SH7721 Datasheet HTML 1366Page - Renesas Technology Corp SH7721 Datasheet HTML 1367Page - Renesas Technology Corp SH7721 Datasheet HTML 1368Page - Renesas Technology Corp SH7721 Datasheet HTML 1369Page - Renesas Technology Corp SH7721 Datasheet HTML 1370Page - Renesas Technology Corp SH7721 Datasheet HTML 1371Page - Renesas Technology Corp SH7721 Datasheet HTML 1372Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1368 / 1524 page
background image
Section 38
Electrical Characteristics
Rev. 3.00 Jan. 18, 2008 Page 1306 of 1458
REJ09B0033-0300
38.2
Power-On and Power-Off Order
• Order of turning on 1.5 V power (V
CC, VCC_PLL1, VCC_PLL2, and VCC_RTC), 1.8 V/3.3 V
power (V
CCQ1), and 3.3V power (VCCQ, VCC_RTC, AVCC, AVCC_USB
 First turn on the 3.3 V power and 3.3 V/1.8 V power, then turn on the 1.5 V power within 1
ms. This interval should be as short as possible. The system design must ensure that the
states of pins or undefined period of an internal state do not cause erroneous system
operation.
 Until voltage is applied to all power supplies and a low level is input to the RESETP pin,
internal circuits remain unsettled, and so pin states are also undefined. The system design
must ensure that these undefined states do not cause erroneous system operation.
Waveforms at power-on are shown in the following figure.
VccQ, VccQ1, VccQ_RTC, AVcc, AVcc_USB (min.) power
Vcc, Vcc_PLL1, Vcc_PLL2, Vcc_RTC (min.) voltage
Vcc/2 level voltage
VccQ1: 1.8 V/3.3V power
t
PWU
t
UNC
GND
Pins states undefined
Normal operation period
Turn on power while RESETP is low in advance
Power-on reset state
Pins states undefined
RESETP
Other pins *
Note: * Except power/GND, clock related, and analog pins
VccQ, VccQ_RTC, AVcc, AVcc_USB: 3.3 V power
Vcc, Vcc_PLL1, Vcc_PLL2, Vcc_RTC: 1.5 V power
Note:
Handling of CA pin
The CA pin must be ensured to go high before power is turned on. When it is not ensured,
through current flows to the I/O buffer, etc. and it may cause the LSI damage even if a
clock is not input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com