Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1371 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1371 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1367Page - Renesas Technology Corp SH7721 Datasheet HTML 1368Page - Renesas Technology Corp SH7721 Datasheet HTML 1369Page - Renesas Technology Corp SH7721 Datasheet HTML 1370Page - Renesas Technology Corp SH7721 Datasheet HTML 1371Page - Renesas Technology Corp SH7721 Datasheet HTML 1372Page - Renesas Technology Corp SH7721 Datasheet HTML 1373Page - Renesas Technology Corp SH7721 Datasheet HTML 1374Page - Renesas Technology Corp SH7721 Datasheet HTML 1375Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1371 / 1524 page
background image
Section 38
Electrical Characteristics
Rev. 3.00 Jan. 18, 2008 Page 1309 of 1458
REJ09B0033-0300
38.3
DC Characteristics
Tables 38.4 and 38.5 show the DC characteristics.
Table 38.4
DC Characteristics (1) [Common]
Conditions: T
a = –20°C to +75°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Power supply voltage
V
CCQ
V
CCQ_RTC
2.7
3.3
3.6
V
V
CCQ1
2.7/1.65
3.3/1.8
3.6/1.95 V
V
CC
V
CC_PLL1*
1
V
CC_PLL2*
1
V
CC_RTC*
1
1.4
1.5
1.6
V
Analog (A/D, D/A) power
supply voltage
AV
CC*
2
3.0
3.3
3.6
V
When not in use,
connect to V
CCQ.
Analog USB power supply
voltage
AV
CC_USB
3.0
3.3
3.6
V
When not in use,
connect to V
CCQ.
During A/D
conversion
0.8
2
mA
During A/D
and D/A
conversion
2.4
6
mA
Analog (A/D,
D/A) power
supply current
Idle
Al
CC
0.1
5.0
mA
T
a = 25°C
Analog USB power supply
current
Al
CC_USB*
2
4
8
mA
AV
CC_USB = 3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com