Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1373 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1373 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1369Page - Renesas Technology Corp SH7721 Datasheet HTML 1370Page - Renesas Technology Corp SH7721 Datasheet HTML 1371Page - Renesas Technology Corp SH7721 Datasheet HTML 1372Page - Renesas Technology Corp SH7721 Datasheet HTML 1373Page - Renesas Technology Corp SH7721 Datasheet HTML 1374Page - Renesas Technology Corp SH7721 Datasheet HTML 1375Page - Renesas Technology Corp SH7721 Datasheet HTML 1376Page - Renesas Technology Corp SH7721 Datasheet HTML 1377Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1373 / 1524 page
background image
Section 38
Electrical Characteristics
Rev. 3.00 Jan. 18, 2008 Page 1311 of 1458
REJ09B0033-0300
Table 38.4
DC Characteristics (2-a) [Except USB Transceiver, I
2C, ADC, DAC Analog
Related Pins]
Condition:
Ta =
−20 to 75°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Group 1 input pins*
V
CCQ × 0.9
V
CCQ + 0.3
V
CA, EXTAL_RTC,
RESETP
V
CCQ_RTC ×
0.9
V
CCQ_RTC +
0.3
V
V
CCQ1 × 0.85
V
CCQ1 + 0.3
V
V
CCQ1 =
1.65 to 1.95 V
Group 2 input pins*
2.2
V
CCQ1 + 0.3
V
V
CCQ1 = 2.7 to 3.6 V
PTF5 to PTF6
2.2
AV
CC + 0.3
V
PTF1 to PTF4
2.0
AV
CC + 0.3
V
Input high
voltage
Other input pins
V
IH
2.2
V
CCQ + 0.3
V
Group 1 input pins*
−0.3
V
CCQ × 0.1
V
CA, EXTAL_RTC,
RESETP
−0.3
V
CCQ_RTC ×
0.1
V
−0.3
V
CCQ1 × 0.15
V
V
CCQ1 =
1.65 to 1.95 V
Group 2 input pins*
−0.3
V
CCQ1 × 0.2
V
V
CCQ1 = 2.7 to 3.6 V
PTF5 to PTF6
−0.3
AV
CC × 0.2
V
PTF1 to PTF4
−0.3
AV
CC × 0.2
V
Input low
voltage
Other input pins
V
IL
−0.3
V
CCQ × 0.2
V
Output high
voltage
Group 2 output pins*
V
OH
V
CCQ1 × 0.85
V
V
CCQ1 =
1.65 to 1.95 V
I
OH = −0.2 mA
2.4
V
V
CCQ1 =
3.0 to 3.6 V
I
OH = −0.2 mA
2.2
V
V
CCQ1 =
2.7 to 3.6 V
I
OH = −2 mA
Other output pins
2.2
V
I
OH = −2mA
Output low
voltage
Group 2 output pins*
V
OL
V
CCQ1 × 0.15
V
V
CCQ1 =
1.65 to 1.95 V
I
OL = 0.2 mA
0.5
V
V
CCQ1 = 2.7 to 3.6 V
I
OL = 1.6 mA
Other output pins
0.5
V
I
OL = 1.6 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com