Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1375 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1375 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1371Page - Renesas Technology Corp SH7721 Datasheet HTML 1372Page - Renesas Technology Corp SH7721 Datasheet HTML 1373Page - Renesas Technology Corp SH7721 Datasheet HTML 1374Page - Renesas Technology Corp SH7721 Datasheet HTML 1375Page - Renesas Technology Corp SH7721 Datasheet HTML 1376Page - Renesas Technology Corp SH7721 Datasheet HTML 1377Page - Renesas Technology Corp SH7721 Datasheet HTML 1378Page - Renesas Technology Corp SH7721 Datasheet HTML 1379Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1375 / 1524 page
background image
Section 38
Electrical Characteristics
Rev. 3.00 Jan. 18, 2008 Page 1313 of 1458
REJ09B0033-0300
Table 38.4
DC Characteristics (2-c) [USB Transceiver Related Pins*
1]
Condition:
Ta =
−20 to 75°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Power supply voltage*
2
AV
CC_USB
3.0
3.3
3.6
V
Differential input
sensitivity
V
DI
0.2
V
(DP) − (DM)
Differential common
mode range
V
CM
0.8
2.5
V
Single ended receiver
threshold voltage
V
SE
0.8
2.0
V
Output high voltage
V
OH
2.5
AV
CC_USB
V
Output low voltage
V
OL
0.3
V
Tray state leakage
voltage
I
LO
−10
10
µA
0V
< V
IN < 3.3V
Notes: 1. D
+ and D− pins.
2. AV
CC_USB should satisfy the condition VCCQ ≤ AVCC_USB and be supplied AVCC_USB
and AV
SS_USB.
Table 38.5
Permissible Output Current Values
Conditions: V
CCQ = VCCQ_RTC = VCC_Q1 = 2.7 to 3.6 V,
V
CC = VCC_PLL1 = VCC_PLL2 = VCC_RTC = 1.4 to 1.6 V, AVCC = 3.0 to 3.6 V,
AV
CC_USB = 3.0 to 3.6 V, Ta = −20 to 75°C
Item
Symbol
Min.
Typ.
Max.
Unit
Permissible output low current (per pin)
I
OL
2.0
mA
Permissible output low current (total)
∑ I
OL
120
mA
Permissible output high current (per pin)
–I
OH
2.0
mA
Permissible output high current (total)
∑ (–I
OH)
40
mA
Note:
*
To ensure chip reliability, do not exceed the output current values given in table 38.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com