Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1374 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1374 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1370Page - Renesas Technology Corp SH7721 Datasheet HTML 1371Page - Renesas Technology Corp SH7721 Datasheet HTML 1372Page - Renesas Technology Corp SH7721 Datasheet HTML 1373Page - Renesas Technology Corp SH7721 Datasheet HTML 1374Page - Renesas Technology Corp SH7721 Datasheet HTML 1375Page - Renesas Technology Corp SH7721 Datasheet HTML 1376Page - Renesas Technology Corp SH7721 Datasheet HTML 1377Page - Renesas Technology Corp SH7721 Datasheet HTML 1378Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1374 / 1524 page
background image
Section 38
Electrical Characteristics
Rev. 3.00 Jan. 18, 2008 Page 1312 of 1458
REJ09B0033-0300
Note:
*
Group 1: NMI,
ASEMD0, MD0 to MD5, TRST/PTL7, IRQ0/IRL0/PTP0 to IRQ3/IRL3/PTP3,
USB1d_TXSE0/IRQ4/AFE_TXOUT/
PCC_DRV/PTG5,
USB1d_RCV/IRQ5/AFE_FS/
PCC_REG/PTG6, EXTAL, RESETM,
AFE_RDET/IIC_SDA/PTE5, and AFE_RXIN/IIC_SCL/PTE6
Group 2: A0/PTR0, A1 to A18, A19/PTR1 to A25/PTR7, CKIO, RD/
WR, CAS/PTH5,
WE3/DQMUU/ICIOWR, WE2/DQMUL/ICIORD, CKE/PTH4, RAS/PTH6,
WE1/DQMLU/WE, WE0/DQMLL, CS2, CS3, CS6B/CE1B/PTM0, CS6A/CE2B,
CS5B/CE1A/PTM1, CS5A/CE2A, BACK, CS0, BREQ, CS4, BS, RD,
WAIT/PCC_WAIT, DREQ0/PINT0/PTM6, DACK0/PINT1/PTM4,
TEND0/PINT2/PTM2,
DREQ1/PTM7, DACK1/PTM5, TEND1/PINT3/PTM3, D0 to
D15, D16/PTA0 to D23/PTA7, and D24/PTB0 to D31/PTB7
Table 38.4
DC Characteristics (2-b) [I
2C Related Pins*]
Conditions:
V
CCQ = −2.7 to 3.6 V, VCC = 1.4 to 1.6 V, Ta = −20 to 75°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test
Conditions
Power supply voltage
VCCQ
2.7
3.3
3.6
V
Input high voltage
VIH
V
CCQ × 0.7
V
CCQ + 0.3
V
Input low voltage
VIL
−0.3
V
CCQ × 0.3
V
Output low voltage
VOL
0.4
V
IOL = 1.6 mA
Permissible output low
current
IOL
10
mA
Note:
*
The IIC_SCL and IIC_SDA pins (open-drain pins).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com