Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1370 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1370 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1366Page - Renesas Technology Corp SH7721 Datasheet HTML 1367Page - Renesas Technology Corp SH7721 Datasheet HTML 1368Page - Renesas Technology Corp SH7721 Datasheet HTML 1369Page - Renesas Technology Corp SH7721 Datasheet HTML 1370Page - Renesas Technology Corp SH7721 Datasheet HTML 1371Page - Renesas Technology Corp SH7721 Datasheet HTML 1372Page - Renesas Technology Corp SH7721 Datasheet HTML 1373Page - Renesas Technology Corp SH7721 Datasheet HTML 1374Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1370 / 1524 page
background image
Section 38
Electrical Characteristics
Rev. 3.00 Jan. 18, 2008 Page 1308 of 1458
REJ09B0033-0300
Table 38.3
Recommended Timing in Power-Off
Item
Symbol
Maximum Value
Unit
Time difference between the power-off of (V
CCQ, VCCQ1,
V
CCQ_RTC, AVCC, AVCC_USB) and (VCC, VCC_PLL1,
V
CC_PLL2, VCC_RTC) levels
t
PWD
10
ms
Note:
*
The table shown above is recommended values, so they represent guidelines rather
than strict requirements.
• Power on and off in hardware standby mode
 Hardware standby mode can be used while an RTC clock is in operation.
 Apply a low level on the CA pin. Confirm that the level on the STATUS0 pin and
STATUS1 pin have become high and low, respectively. V
CC, VCC_PLL1, VCC_PLL2, VCCQ,
V
CCQ1, AVCC, AVCC_USB can then be turned off. Power supplies VCCQ_RTC and VCC_RTC
must remain on. The CA pin must be ensured to go low.
 V
CCQ, VCCQ1, AVCC, AVCC_USB, VCC, VCC_PLL1, and VCC_PLL2 must be turned on while
RESETP is low. After the power supply is stable, apply a high level to the CA pin.
RESETP must then be canceled to high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com