Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1369 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1369 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1365Page - Renesas Technology Corp SH7721 Datasheet HTML 1366Page - Renesas Technology Corp SH7721 Datasheet HTML 1367Page - Renesas Technology Corp SH7721 Datasheet HTML 1368Page - Renesas Technology Corp SH7721 Datasheet HTML 1369Page - Renesas Technology Corp SH7721 Datasheet HTML 1370Page - Renesas Technology Corp SH7721 Datasheet HTML 1371Page - Renesas Technology Corp SH7721 Datasheet HTML 1372Page - Renesas Technology Corp SH7721 Datasheet HTML 1373Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1369 / 1524 page
background image
Section 38
Electrical Characteristics
Rev. 3.00 Jan. 18, 2008 Page 1307 of 1458
REJ09B0033-0300
Table 38.2
Recommended Timing in Power-On
Item
Symbol
Maximum Value
Unit
Time difference between the power-on of (V
CCQ, VCCQ1,
V
CCQ_RTC, AVCC, AVCC_USB) and (VCC, VCC_PLL1, VCC_PLL2,
V
CC_RTC) levels
t
PWU
1
ms
Time over which the internal state is undefined
t
UNC
100
ms
Note:
*
The table shown above is recommended values, so they represent guidelines rather
than strict requirements.
The time over which the internal state is undefined means the time taken to reach Vcc (min.).
The pin states become defined when V
CCQ, VCCQ1, VCCQ_RTC, AVCC, and AVCC_USB (min.) are
reached. The period of power-on reset (
RESETP) is, however, normally accepted as meaning the
time taken for oscillation to become stable (when using the on-chip oscillator) after Vcc (min.) is
reached.
Ensure that the period over which the internal state is undefined is less than or equal to 100 ms.
• Power-off order
 In the reverse order of powering-on, first turn off the 1.5 V power, then turn off the
3.3 V/1.8 V power within 10 ms. This interval should be as short as possible. The system
design must ensure that the states of pins or undefined period of an internal state do not
cause erroneous system operation.
 Pin states are undefined while only the 1.5 V power is off. The system design must ensure
that these undefined states do not cause erroneous system operation.
VccQ1:
1.8 V/3.3 V power
t
PWD
GND
Operation stopped
Normal operation period
VCC/2 level voltage
VccQ, VccQ_RTC, AVcc, AVcc_USB: 3.3 V power
Vcc, Vcc_PLL1, Vcc_PLL2, Vcc_RTC: 1.5 V power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com