Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1372 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1372 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1368Page - Renesas Technology Corp SH7721 Datasheet HTML 1369Page - Renesas Technology Corp SH7721 Datasheet HTML 1370Page - Renesas Technology Corp SH7721 Datasheet HTML 1371Page - Renesas Technology Corp SH7721 Datasheet HTML 1372Page - Renesas Technology Corp SH7721 Datasheet HTML 1373Page - Renesas Technology Corp SH7721 Datasheet HTML 1374Page - Renesas Technology Corp SH7721 Datasheet HTML 1375Page - Renesas Technology Corp SH7721 Datasheet HTML 1376Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1372 / 1524 page
background image
Section 38
Electrical Characteristics
Rev. 3.00 Jan. 18, 2008 Page 1310 of 1458
REJ09B0033-0300
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
I
CC
230
300
mA
V
CC = 1.5V
I
φ = 133 MHz
Normal
operation
I
CCQ
60
80
mA
V
CCQ, VCCQ1 = 3.3 V
B
φ = 66 MHz
I
CC
35
50
Sleep mode
I
CCQ
15
20
mA
When sleep mode is
entered after a power-
on reset:
V
CCQ, VCCQ1 = 3.3 V
B
φ = 33 MHz
I
CC
80
250
Standby
mode
I
CCQ
10
20
µA
T
a = 25°C, RTC off
V
CCQ, VCCQ1 = 3.3 V
V
CC = 1.5 V
Current
consumption*
3
Hardware
standby
mode (state
when only
V
CC_RTC
and
V
CCQ_RTC
are on)
I
ustby
50
µA
T
a = 25°C
V
CCQ_RTC = 3.3 V
V
CC_RTC = 1.5 V
RTC clock = 32 kHz
Input leakage
current
All input pins | I
in |
1.0
µA
V
in = 0.5 to VCCQ – 0.5
V
V
in = 0.5 to VCCQ1 –
0.5 V
Three-state
leakage current
Input/output
pins, all
output pins
(off state)
| I
TSI |
1.0
µA
V
in = 0.5 to VCCQ – 0.5
V
V
in = 0.5 to VCCQ1 –
0.5 V
Pull-up
resistance
I/O port pins P
pull
20
50
120
k
Ω
Pin
capacitance
All pins
C
10
pF
Notes: 1. When the PLL and RTC are not used, the V
CC_PLL1, VCC_PLL2, VCC_RTC, VCCQ_RTC,
V
SS_PLL1, VSS_PLL2, and VSS_RTC should be power supplied.
2. AV
CC and AVCC_USB should satisfy the condition VCCQ − 0.3 V ≤ AVCC and AVCC_USB ≤
V
CCQ + 0.3 V.
Even when the A/D converter, D/A converter, and USB are not used, AV
CC, AVSS,
AV
CC_USB, and AVSS_USB should not be open. Connect AVCC and AVCC_USB to AVCCQ,
and AV
SS and AVSS_USB to VSSQ.
3. Current consumption values are for V
IHmin = VCC – 0.5 V, VIHmin = VCCQ1 – 0.5 V, and
V
ILmax = 0.5 V with all output pins unloaded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com