Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1376 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1376 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1372Page - Renesas Technology Corp SH7721 Datasheet HTML 1373Page - Renesas Technology Corp SH7721 Datasheet HTML 1374Page - Renesas Technology Corp SH7721 Datasheet HTML 1375Page - Renesas Technology Corp SH7721 Datasheet HTML 1376Page - Renesas Technology Corp SH7721 Datasheet HTML 1377Page - Renesas Technology Corp SH7721 Datasheet HTML 1378Page - Renesas Technology Corp SH7721 Datasheet HTML 1379Page - Renesas Technology Corp SH7721 Datasheet HTML 1380Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1376 / 1524 page
background image
Section 38
Electrical Characteristics
Rev. 3.00 Jan. 18, 2008 Page 1314 of 1458
REJ09B0033-0300
38.4
AC Characteristics
The input of this LSI is a synchronous input. The setup hold time of each input signal should be
kept unless any notice.
V
CCQ1 can be set to 2.7 to 3.6 V or 1.65 to 1.95 V. When VCCQ1 is set to 1.65 to 1.95 V, the
drivability of the I/O buffer will be its highest specifications. For the change of the drivability of
the I/O buffer, see section 34.1.23, USB Transceiver Control Register (UTRCTL).
Table 38.6
Maximum Operating Frequencies
Conditions: V
CCQ = 2.7 to 3.6 V, VCCQ1 = 2.7 to 3.6 V or 1.65 to 1.95 V,
V
CC = 1.4 to 1.6 V, Ta = −20 to 75°C
Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
CPU, cache (I
φ)
24
133.34
External bus (B
φ)*
24
66.67
Operating
frequency
Peripheral module (P
φ)
f
8.34
33.34
MHz
133 MHz
version
Note:
*
When using the USB host controller, the external bus frequency (B
φ) should be set to
32 MHz or higher.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com