Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 273 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 273 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 269Page - Renesas Technology Corp SH7721 Datasheet HTML 270Page - Renesas Technology Corp SH7721 Datasheet HTML 271Page - Renesas Technology Corp SH7721 Datasheet HTML 272Page - Renesas Technology Corp SH7721 Datasheet HTML 273Page - Renesas Technology Corp SH7721 Datasheet HTML 274Page - Renesas Technology Corp SH7721 Datasheet HTML 275Page - Renesas Technology Corp SH7721 Datasheet HTML 276Page - Renesas Technology Corp SH7721 Datasheet HTML 277Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 1524 page
background image
Section 5 Cache
Rev. 3.00 Jan. 18, 2008 Page 211 of 1458
REJ09B0033-0300
(2)
Data-Array Write
Write the longword data specified by the data filed, to the position specified by L of the address
field, in the entry that corresponds to the entry address and the way specified by the address field.
(1) Address array access
(a) Address specification
Read access
Write access
(b) Data specification (both read and write accesses)
(2) Data array access (both read and write accesses)
(a) Address specification
31
24
23
14
13
12
11
4
3
0
1111 0000
*--------*
W
Entry address
31
24
23
14
13
12
11
4
3
0
1111 0000
*--------*
W
Entry address
2
A
31
10
4
3
0
LRU
2
XX
9
Tag address (31 to 10)
U
V
1
31
24
23
14
13
12
11
4
3
0
1111 0001
*--------*
W
Entry address
1
2
L
(b) Data specification
31
0
Longword
*: Don’t care bit
X: 0 for read, don’t care for write
0
*
0
0
*
0
0
2
00
Figure 5.4 Specifying Address and Data for Memory-Mapped Cache Access
(16-kbyte mode)
Table 5.8
Address Format Based on the Size of Cache to be Assigned to Memory
Cache Size
Entry Address Bits
W Bit
16 kbytes
11 to 4
13 and 12
32 kbytes
12 to 4
14 to 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com