Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 277 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 277 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 273Page - Renesas Technology Corp SH7721 Datasheet HTML 274Page - Renesas Technology Corp SH7721 Datasheet HTML 275Page - Renesas Technology Corp SH7721 Datasheet HTML 276Page - Renesas Technology Corp SH7721 Datasheet HTML 277Page - Renesas Technology Corp SH7721 Datasheet HTML 278Page - Renesas Technology Corp SH7721 Datasheet HTML 279Page - Renesas Technology Corp SH7721 Datasheet HTML 280Page - Renesas Technology Corp SH7721 Datasheet HTML 281Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 277 / 1524 page
background image
Section 6 X/Y Memory
Rev. 3.00 Jan. 18, 2008 Page 215 of 1458
REJ09B0033-0300
access via the L bus is performed in one cycle. Several cycles are necessary for accessing via the I
bus. According to the CPU operating mode, access from the CPU is as follows:
(1)
Privileged DSP mode (SR. MD = 1 and SR.DSP = 1)
The X/Y memory can be accessed by the DSP directly from space P2. The MMU can be used to
map the virtual addresses in spaces P0 and P3 to this memory.
(2)
User DSP mode (SR.MD = 0 and SR.DSP = 1)
The X/Y memory can be accessed by the DSP directly from space Uxy. The MMU can be used to
map the virtual addresses in space U0 to this memory.
6.2.3
Access from Bus Master Module
The X/Y memory is always accessed by bus master modules such as the DMAC and USB host via
the I bus, which is a physical address bus. Addresses in which the upper three bits are 0 in
addresses shown in table 6.1 must be used.
6.3
Usage Notes
6.3.1
Page Conflict
In the event of simultaneous accesses to the same page from different buses, the conflict on the
pages occurs. Although each access is completed correctly, this kind of conflict tends to lower
X/Y memory accessibility. Therefore it is advisable to provide software measures to prevent such
conflict as far as possible. For example, conflict will not arise if different memory or different
pages are accessed by each bus.
6.3.2
Bus Conflict
The I bus is shared by several bus master modules. When the X/Y memory is accessed via the I
bus, a conflict between the other I-bus master modules may occur on the I bus. This kind of
conflict tends to lower X/Y memory accessibility. Therefore it is advisable to provide software
measures to prevent such conflict as far as possible. For example, by accessing the X/Y memory
by the CPU not via the I bus but directly from space P2 or Uxy, conflict on the I bus can be
prevented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com