Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 279 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 279 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 275Page - Renesas Technology Corp SH7721 Datasheet HTML 276Page - Renesas Technology Corp SH7721 Datasheet HTML 277Page - Renesas Technology Corp SH7721 Datasheet HTML 278Page - Renesas Technology Corp SH7721 Datasheet HTML 279Page - Renesas Technology Corp SH7721 Datasheet HTML 280Page - Renesas Technology Corp SH7721 Datasheet HTML 281Page - Renesas Technology Corp SH7721 Datasheet HTML 282Page - Renesas Technology Corp SH7721 Datasheet HTML 283Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 1524 page
background image
Section 7 Exception Handling
Rev. 3.00 Jan. 18, 2008 Page 217 of 1458
REJ09B0033-0300
Section 7 Exception Handling
Exception handling is separate from normal program processing, and is performed by a routine
separate from the normal program. For example, if an attempt is made to execute an undefined
instruction code or an instruction protected by the CPU processing mode, a control function may
be required to return to the source program by executing the appropriate operation or to report an
abnormality and carry out end processing. In addition, a function to control processing requested
by LSI on-chip modules or an LSI external module to the CPU may also be required.
Transferring control to a user-defined exception processing routine and executing the process to
support the above functions are called exception handling. This LSI has two types of exceptions:
general exceptions and interrupts. The user can execute the required processing by assigning
exception handling routines corresponding to the required exception processing and then return to
the source program.
A reset input can terminate the normal program execution and pass control to the reset vector after
register initialization. This reset operation can also be regarded as an exception handling. This
section describes an overview of the exception handling operation. Here, general exceptions and
interrupts are referred to as exception handling. For interrupts, this section describes only the
process executed for interrupt requests. For details on how to generate an interrupt request, refer to
section 8, Interrupt Controller (INTC).
7.1
Register Descriptions
There are five registers for exception handling. A register with an undefined initial value should
be initialized by the software. Refer to section 37, List of Registers, for more details on the
addresses and access size of these registers.
• TRAPA exception register (TRA)
• Exception event register (EXPEVT)
• Interrupt event register (INTEVT)
• Interrupt event register 2 (INTEVT2)
• Exception address register (TEA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com