Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 281 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 281 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 277Page - Renesas Technology Corp SH7721 Datasheet HTML 278Page - Renesas Technology Corp SH7721 Datasheet HTML 279Page - Renesas Technology Corp SH7721 Datasheet HTML 280Page - Renesas Technology Corp SH7721 Datasheet HTML 281Page - Renesas Technology Corp SH7721 Datasheet HTML 282Page - Renesas Technology Corp SH7721 Datasheet HTML 283Page - Renesas Technology Corp SH7721 Datasheet HTML 284Page - Renesas Technology Corp SH7721 Datasheet HTML 285Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 1524 page
background image
Section 7 Exception Handling
Rev. 3.00 Jan. 18, 2008 Page 219 of 1458
REJ09B0033-0300
7.1.2
Exception Event Register (EXPEVT)
EXPEVT is assigned to address H'FFFFFFD4 and consists of a 12-bit exception code. Exception
codes to be specified in EXPEVT are those for resets and general exceptions. These exception
codes are automatically specified the hardware when an exception occurs. Only bits 11 to 0 of
EXPEVT can be re-written using the software.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 12
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
11 to 0
EXPEVT
*
R/W
12-bit Exception Code
Note:
Initialized to H'000 at power-on reset and H'020 at manual reset.
7.1.3
Interrupt Event Register (INTEVT)
INTEVT is assigned to address H'FFFFFFD8 and stores an exception code or a code which
indicates interrupt priority order. A code to be specified when an interrupt occurs is determined by
an interrupt source. (For details, see section 8.4.6, Interrupt Exception Handling and Priority.)
These exception and interrupt priority order codes are automatically specified by the hardware
when an exception occurs. INTEVT can be modified using the software. Only bits 11 to 0 of
INTEVT can be modified using the software.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 12
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
11 to 0
INTEVT
R
12-bit Exception Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com