Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 280 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 280 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 276Page - Renesas Technology Corp SH7721 Datasheet HTML 277Page - Renesas Technology Corp SH7721 Datasheet HTML 278Page - Renesas Technology Corp SH7721 Datasheet HTML 279Page - Renesas Technology Corp SH7721 Datasheet HTML 280Page - Renesas Technology Corp SH7721 Datasheet HTML 281Page - Renesas Technology Corp SH7721 Datasheet HTML 282Page - Renesas Technology Corp SH7721 Datasheet HTML 283Page - Renesas Technology Corp SH7721 Datasheet HTML 284Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 280 / 1524 page
background image
Section 7 Exception Handling
Rev. 3.00 Jan. 18, 2008 Page 218 of 1458
REJ09B0033-0300
Figure 7.1 shows the bit configuration of each register.
31
TRA
EXPEVT
INTEVT2
TRA
EXPEVT
INTEVT2
TEA
TEA
10 9
2 1 0
31
12 11
0
0
0
0
0
31
12 11
0
INTEVT
INTEVT
0
31
12 11
0
31
0
Figure 7.1 Register Bit Configuration
7.1.1
TRAPA Exception Register (TRA)
TRA is assigned to address H'FFFFFFD0 and consists of the 8-bit immediate data (imm) of the
TRAPA instruction. TRA is automatically specified by the hardware when the TRAPA instruction
is executed. Only bits 9 to 2 of the TRA can be re-written using the software.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 10
R
Reserved
These bits are always read as 0. The write value
should always be 0.
9 to 2
TRA
R/W
8-bit Immediate Data
1, 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com