Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 276 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 276 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 272Page - Renesas Technology Corp SH7721 Datasheet HTML 273Page - Renesas Technology Corp SH7721 Datasheet HTML 274Page - Renesas Technology Corp SH7721 Datasheet HTML 275Page - Renesas Technology Corp SH7721 Datasheet HTML 276Page - Renesas Technology Corp SH7721 Datasheet HTML 277Page - Renesas Technology Corp SH7721 Datasheet HTML 278Page - Renesas Technology Corp SH7721 Datasheet HTML 279Page - Renesas Technology Corp SH7721 Datasheet HTML 280Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 276 / 1524 page
background image
Section 6 X/Y Memory
Rev. 3.00 Jan. 18, 2008 Page 214 of 1458
REJ09B0033-0300
• Priority order
In the event of simultaneous accesses to the same page from different buses, the accesses are
processed according to the priority order. The priority order is: I bus
> X bus > L bus in the X
memory and I bus
> Y bus > L bus in the Y memory.
6.2
Operation
6.2.1
Access from CPU
Methods for accessing by the CPU are directly via the L bus from the virtual addresses, and via
the I bus after the virtual addresses are converted to be the physical addresses using the MMU. As
long as a conflict on the page does not occur, access via the L bus is performed in one cycle.
Several cycles are necessary for accessing via the I bus. According to the CPU operating mode,
access from the CPU is as follows:
(1)
Privileged mode and privileged DSP mode (SR. MD = 1)
The X/Y memory can be accessed by the CPU directly from space P2. The MMU can be used to
map the virtual addresses in spaces P0 and P3 to this memory.
(2)
User DSP mode (SR.MD = 0 and SR.DSP = 1)
The X/Y memory can be accessed by the CPU directly from space Uxy. The MMU can be used to
map the virtual addresses in space U0 to this memory.
(3)
User mode (SR.MD = 0 and SR.DSP = 0)
The MMU can be used to map the virtual addresses in space U0 to this memory.
6.2.2
Access from DSP
Methods for accessing from the DSP differ according to instructions.
With a X data transfer instruction and a Y data transfer instruction, the X/Y memory is always
accessed via the X bus or Y bus. As long as a conflict on the page does not occur, access via the X
bus or Y bus is performed in one cycle. The X memory access via the X bus and the Y memory
access via the Y bus can be performed simultaneously.
In the case of a single data transfer instruction, methods for accessing from the DSP are directly
via the L bus from the virtual addresses, and via the I bus after the virtual addresses are converted
to be the physical addresses using the MMU. As long as a conflict on the page does not occur,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com